Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C17012SC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # P4C17012SC
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C17012SC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  P4C17012SC Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C17012SC Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C17012SC Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C17012SC Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C17012SC Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C17012SC Datasheet HTML 6Page - List of Unclassifed Manufacturers P4C17012SC Datasheet HTML 7Page - List of Unclassifed Manufacturers P4C17012SC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
39
P4C168, P4C169, P4C170
ORDERING INFORMATION
SELECTION GUIDE
The P4C168, P4C169 and P4C170 are available in the following temperature, speed and package options.
Temperature
Range
Commercial
Plastic DIP
Plastic SOIC†
Plastic SOJ††
Speed (ns)
12
-12PC
-12SC
-12JC
15
-15PC
-15SC
-15JC
20
-20PC
-20SC
-20JC
25
-25PC
-25SC
-25JC
35
N/A
N/A
N/A
Package
Military
Processed*
(P4C168 only)
N/A
-20DMB
-25DMB
Military Temp.
(P4C168 only)
CERDIP
N/A
-35DMB
CERDIP
N/A
N/A
-20DM
-25DM
-35DM
† P4C168 and P4C169 only.
†† P4C168
* Military temperature range with MIL-STD-883, Class B processing.
N/A = Not available
The P4C168 is also available per SMD #5962-86705
P4C
Static RAM Prefix
168
169
170 —
ss
p
t
Temperature Range
Package Code
Speed (Access/Cycle Time)
Device Number
ss = Speed (access/cycle time in ns), e.g., 15, 20
p = Package code, i.e., P, S,D, J.
t = Temperature range, i.e., C, M, MB.
PACKAGE SUFFIX
Package
Suffix
P
Plastic DIP, 300 mil wide standard
S
Plastic SOIC, 300 mil wide standard
J
Plastic SOJ, 300 mil wide standard
D
CERDIP, 300 mil wide standard
Description
Description
TEMPERATURE RANGE SUFFIX
Temperature
Range Suffix
C
Commercial Temperature Range,
0
°C – +70°C.
M
Military Temperature Range,
–55
°C – +125°C.
MB
Mil. Temp. with MIL-STD-883D
Class B compliance


Similar Part No. - P4C17012SC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C170 PYRAMID-P4C170 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C170-12CC PYRAMID-P4C170-12CC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C170-12CM PYRAMID-P4C170-12CM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C170-12DC PYRAMID-P4C170-12DC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C170-12DM PYRAMID-P4C170-12DM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C17012SC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com