Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NVF102418 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61NVF102418
Description  256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVF102418 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61NVF102418 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61NVF102418 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NVF102418 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NVF102418 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NVF102418 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NVF102418 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NVF102418 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVF102418 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVF102418 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. B
08/26/05
IS61NLF25672/IS61NVF25672
IS61NLF51236/IS61NVF51236
IS61NLF102418/IS61NVF102418
ISSI®
PIN CONFIGURATION — 256K X 72, 209-Ball PBGA (TOP VIEW)
12
34
56
78
9
10
11
A
DQg
DQg
A
CE2
A
ADV
A
CE2
A
DQb
DQb
B
DQg
DQg
BWc
BWgNC
WE
A
BWb
BWf
DQb
DQb
C
DQg
DQg
BWh
BWdNC
CE
NC
BWe
BWa
DQb
DQb
D
DQg
DQg
VSS
NC
NC
OE
NC
NC
VSS
DQb
DQb
E
DQPg
DQPc
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQPf
DQPb
F
DQc
DQc
VSS
VSS
VSS
NC
VSS
VSS
VSS
DQf
DQf
G
DQc
DQc
VDDQ
VDDQ
VDD
NC
VDD
VDDQ
VDDQ
DQf
DQf
H
DQc
DQc
VSS
VSS
VSS
NC
VSS
VSS
VSS
DQf
DQf
J
DQc
DQc
VDDQ
VDDQ
VDD
NC
VDD
VDDQ
VDDQ
DQf
DQf
K
NC
NC
CLK
NC
VSS
CKE
VSS
NC
NC
NC
NC
L
DQh
DQh
VDDQ
VDDQ
VDD
NC
VDD
VDDQ
VDDQ
DQa
DQa
M
DQh
DQh
VSS
VSS
VSS
NC
VSS
VSS
VSS
DQa
DQa
N
DQh
DQh
VDDQ
VDDQ
VDD
NC
VDD
VDDQ
VDDQ
DQa
DQa
P
DQh
DQh
VSS
VSS
VSS
ZZ
VSS
VSS
VSS
DQa
DQa
R
DQPd
DQPh
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQPa
DQPe
T
DQd
DQd
VSS
NC
NC
MODE
NC
NC
VSS
DQe
DQe
U
DQd
DQd
NC
A
NC
A
NC
A
NC
DQe
DQe
V
DQd
DQd
A
A
A
A1
A
A
A
DQe
DQe
W
DQd
DQd
TMS
TDI
A
A0
A
TDO
TCK
DQe
DQe
11 x 19 Ball BGA—14 x 22 mm2 Body—1 mm Ball Pitch
PIN DESCRIPTIONS
Symbol
Pin Name
A
Synchronous Address Inputs
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
ADV
Synchronous Burst Address Advance
BWa-BWh
Synchronous Byte Write Enable
CE, CE2, CE2 Synchronous Chip Enable
CLK
Synchronous Clock
CKE
Clock Enable
DQx
Synchronous Data Input/Output
DQPx
Parity Data I/O
VSS
Ground
MODE
Burst Sequence Selection
OE
Output Enable
TCK, TDI
JTAG Pins
TDO, TMS
VDD
3.3V/2.5V Power Supply
VDDQ
Isolated Output Buffer Supply:
3.3V/2.5V
WE
Write Enable
ZZ
Snooze Enable


Similar Part No. - IS61NVF102418

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVF102436A ISSI-IS61NVF102436A Datasheet
440Kb / 23P
   STATE BUS SRAM
More results

Similar Description - IS61NVF102418

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP25672 ISSI-IS61NLP25672 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
Cypress Semiconductor
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com