Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C16920SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P4C16920SC
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C16920SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P4C16920SC Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C16920SC Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C16920SC Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C16920SC Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C16920SC Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C16920SC Datasheet HTML 6Page - List of Unclassifed Manufacturers P4C16920SC Datasheet HTML 7Page - List of Unclassifed Manufacturers P4C16920SC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
33
P4C168, P4C169, P4C170
P4C168, P4C169, P4C170
ULTRA HIGH SPEED 4K x 4
STATIC CMOS RAMS
DESCRIPTION
The P4C168, P4C169 and P4C170 are a family of 16,384-
bit ultra high-speed static RAMs organized as 4K x 4. All
three devices have common input/output ports.The
P4C168 enters the standby mode when the chip enable
(
CE) control goes high; with CMOS input levels, power
consumption is only 83mW in this mode. Both the P4C169
and the P4C170 offer a fast chip select access time that is
only 67% of the address access time. In addition, the
P4C170 includes an output enable (
OE) control to elimi-
nate data bus contention. The RAMs operate from a single
5V
± 10% tolerance power supply.
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 12/15/20/25ns (Commercial)
– 20/25/35ns (P4C168 Military)
Low Power Operation (Commercial)
– 715 mW Active
– 193 mW Standby (TTL Input) P4C168
– 83 mW Standby (CMOS Input) P4C168
Single 5V
±10% Power Supply
Fully TTL Compatible, Common I/O Ports
Three Options
– P4C168 Low Power Standby Mode
– P4C169 Fast Chip Select Control
– P4C170 Fast Chip Select, Output Enable
Controls
Standard Pinout (JEDEC Approved)
– P4C168: 20-pin DIP, SOJ and SOIC
– P4C169: 20-pin DIP and SOIC
– P4C170: 22-pin DIP
Access times as fast as 12 nanoseconds are available,
permitting greatly enhanced system operating speeds.
CMOS is used to reduce power consumption to a low 715
mW active, 193 mW standby.
The P4C168 and P4C169 are available in 20-pin (P4C170
in 22-pin) 300 mil DIP packages providing excellent board
level densities. The P4C168 is also available in 20-pin 300
mil SOIC and SOJ packages.
The P4C169 is also available in a 20-pin 300 mil SOIC
package. The P4C170 is also available in a 22-pin 300 mil
SOJ package.
PIN CONFIGURATIONS
FUNCTIONAL BLOCK DIAGRAM
1Q97
Means Quality, Service and Speed
INPUT
DATA
CONTROL
ROW
SELECT
16,384-BIT
MEMORY
ARRAY
COLUMN I/O
I/O1
I/O2
I/O3
I/O4
COLUMN
SELECT
POWER
DOWN
P4C168
ONLY
or
(7)
A
CE
A
CS
OE
WE
AA
(5)
NOTES:
CE USED ON P4C168 ALSO FOR POWER DOWN FUNCTIONS
CE USED ON P4C169 FAST CHIP SELECT
OE OUTPUT ENABLE FUNCTION ON P4C170 ONLY
P4C168
P4C169
DIP (P2, D2)
DIP (P2)
SOIC (S2)
SOIC (S2)
SOJ (J2)
TOP VIEW
P4C170
DIP (P3)
TOP VIEW
A 4
A 7
A 0
A 1
A
2
A 3
A 5
A
6
A 11
A
10
A 9
A 8
NC
I/O
4
V CC
CS
GND
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
OE
I/O3
I/O2
I/O1
WE
A 4
A 7
A 0
A 1
A
2
A 3
A 5
A
6
A 11
A
10
A 9
A 8
I/O4
V CC
CE, CS
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I/O
3
I/O2
I/O1
WE


Similar Part No. - P4C16920SC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C169 PYRAMID-P4C169 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12CC PYRAMID-P4C169-12CC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12CM PYRAMID-P4C169-12CM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12DC PYRAMID-P4C169-12DC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12DM PYRAMID-P4C169-12DM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C16920SC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com