Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NLP12832A-200B2 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61NLP12832A-200B2
Description  128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP12832A-200B2 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61NLP12832A-200B2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP12832A-200B2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP12832A-200B2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP12832A-200B2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NLP12832A-200B2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NLP12832A-200B2 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NLP12832A-200B2 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NLP12832A-200B2 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61NLP12832A-200B2 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00C
09/12/05
ISSI®
IS61NLP12832A
IS61NLP12836A/IS61NVP12836A
IS61NLP25618A/IS61NVP25618A
SYNCHRONOUS TRUTH TABLE(1)
Address
Operation
Used
CE
CE
CE
CE
CE
CE2
CE
CE
CE
CE
CE2
ADV
WE
WE
WE
WE
WE
BW
BW
BW
BW
BWx
OE
OE
OE
OE
OE
CKE
CKE
CKE
CKE
CKE
CLK
Not Selected
N/A
H
X
X
L
X
X
X
L
Not Selected
N/A
X
L
X
L
X
X
X
L
Not Selected
N/A
X
X
H
L
X
X
X
L
Not Selected Continue
N/A
X
X
X
H
X
X
X
L
Begin Burst Read
External Address
L
H
L
L
H
X
L
L
Continue Burst Read
Next Address
X
X
X
H
X
X
L
L
NOP/Dummy Read
External Address
L
H
L
L
H
X
H
L
Dummy Read
Next Address
X
X
X
H
X
X
H
L
Begin Burst Write
External Address
L
H
L
L
L
L
X
L
Continue Burst Write
Next Address
X
X
X
H
X
L
X
L
NOP/Write Abort
N/A
L
H
L
L
L
H
X
L
Write Abort
Next Address
X
X
X
H
X
H
X
L
Ignore Clock
Current Address
X
X
X
X
X
X
X
H
Notes:
1. "X" means don't care.
2. The rising edge of clock is symbolized by
3. A continue deselect cycle can only be entered if a deselect cycle is executed first.
4.
WE = L means Write operation in Write Truth Table.
WE = H means Read operation in Write Truth Table.
5. Operation finally depends on status of asynchronous pins (ZZ and
OE).
BURST
READ
DESELECT
BURST
WRITE
BEGIN
READ
BEGIN
WRITE
READ
WRITE
READ
WRITE
BURST
BURST
BURST
DS
DS
DS
READ
DS
DS
READ
WRITE
WRITE
BURST
BURST
WRITE
READ
STATE DIAGRAM


Similar Part No. - IS61NLP12832A-200B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832 ISSI-IS61NLP12832 Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133B ISSI-IS61NLP12832-133B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133TQ ISSI-IS61NLP12832-133TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5B ISSI-IS61NLP12832-5B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5TQ ISSI-IS61NLP12832-5TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NLP12832A-200B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
logo
GSI Technology
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com