Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQX-14FC1CS3 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JQX-14FC1CS3
Description  ELECTRONIC COMPONENTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-14FC1CS3 Datasheet(HTML) 1 Page - DB Lectro Inc

  JQX-14FC1CS3 Datasheet HTML 1Page - DB Lectro Inc JQX-14FC1CS3 Datasheet HTML 2Page - DB Lectro Inc JQX-14FC1CS3 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Heavy load, suitable for heavy power reverse.
Small size, suitable for high-density mounting.
Up to 5000VAC dielectric strength. Between open contacts of JQX-14FC
3 3000VAC dielectric strength.
Contact gap of JQX-14FC
3 :2y1.5mm=3mm.
Suitable for remote control TV set, copy machine, sales machine and air conditioner etc.
Ordering Information
JQX-14FC
1
C
S
10
DC12V
0.8
3.5
1
2
3
4
5
6
7
1 Part number:JQX-14FC
1
JQX-14FC
2
JQX-14FC
3
2 Contact arrangement:A:1A;2A:2A;C:1C;2C:2C
3 Enclosure:S: Sealed type;Z: Dust cover
4 Contact Current:3A,5A,6A,8A,10A,16A,20A
5 Coil rated Voltage(V):DC:3,5,6,9,12,15,24
6 Coil power cunsumption:NIL:0.53W;0.8:0.8W;1.2:1.2W
7 Pole-distance:3.5:3.5mm;5:5.0mm
Contact Data
Contact Arrangement
1A
SPSTNO
f2A DPSTNO f1C SPDT(B-M) f2C DPDT(B-M)
Contact Material
Ag CdO
Ag SnO
2
Contact Rating (resistive)
1A:16A/220VAC,30VDC;
1C:10A,16A,20A/220VAC,30VDC;
10A/250VAC,14VDC(20A Application for 5mmPole-distance)
2A,2C:5A,8A/220VAC, 30VDC; JQX-14FC3
2A
8A/220VAC
2C
6A/220VAC
Motor load : 1HP 250VAC ; 1/2HP 125VAC
Lamp load : TV-5
Max. Switching Power
300W
2200VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation life
Mechanical
10
7
5
y106 (JQX-14FC
3
Item 3.31 of IEC255-7
Contact gap
2
y1.5mm=3mm( for JQX-14FC
3
Coil Parameter
Coil voltage
VDC
Coil
resistance
±10%
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Dash
numbers
Rated
Max.
C
1 C2
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release
voltage
VDC(min)
(10% of
rated
voltage)
C
1 C2
C
1 C2
C
1 C2
003-530
3
3.9
17
2.25
0.3
005-530
5
6.5
47
3.75
0.5
006-530
6
7.8
68
4.50
0.6
009-530
9
11.7
153
6.75
0.9
012-530
12
15.6
275
9.00
1.2
024-530
24
31.2
1100
18.0
2.4
0.53
15
10
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
JQX-14FC1 & JQX-14FC2
29
×12.8×26
E160644
R2033977.01
CH0050405—2000
E9930952E01
JQX-14FC3
JQX-14FC1 & JQX-14FC2 JQX-14FC3
www.dblectro.com


Similar Part No. - JQX-14FC1CS3

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-14FC DBLECTRO-JQX-14FC Datasheet
403Kb / 4P
   NHG RELAYS
logo
HuaXinAn Electronics CO...
JQX-14FC HUAXINAN-JQX-14FC Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse
JQX-14FC HUAXINAN-JQX-14FC Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse
JQX-14FC HUAXINAN-JQX-14FC Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse
JQX-14FC2A HUAXINAN-JQX-14FC2A Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse.
More results

Similar Description - JQX-14FC1CS3

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201759 PHOENIX-2201759 Datasheet
43Kb / 2P
   Components of electronic housing
logo
List of Unclassifed Man...
JRC-19F ETC1-JRC-19F Datasheet
170Kb / 2P
   COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS
logo
Omron Electronics LLC
AOTBA-01 OMRON-AOTBA-01 Datasheet
3Mb / 4P
   OMRON ELECTRONIC COMPONENTS LLC
G3CN202P1DC328 OMRON-G3CN202P1DC328 Datasheet
1Mb / 21P
   Electronic Components Master Selection Guide
logo
Sharp Corporation
GP2Y1014AU0F SHARP-GP2Y1014AU0F Datasheet
463Kb / 11P
   System Devices Unit Electronic components
PD3122F SHARP-PD3122F Datasheet
526Kb / 11P
   OPTO-ELECTRONIC DEVICES DIVISION ELECTRONIC COMPONENTS GROUP SHARP CIRPORATION
logo
PHOENIX CONTACT
2906911 PHOENIX-2906911 Datasheet
54Kb / 2P
   Components of electronic housing - ME LPZS
logo
Sharp Corporation
GM5BW97330A SHARP-GM5BW97330A Datasheet
1,014Kb / 22P
   LED DIVISION ELECTRONIC COMPONENTS AND DEVICES GROUP
GW5BNF15L10 SHARP-GW5BNF15L10 Datasheet
298Kb / 13P
   ELECTRONIC COMPONENTS AND DEVICES GROUP SHARP CORPORATION
logo
PHOENIX CONTACT
2901107 PHOENIX-2901107 Datasheet
52Kb / 2P
   Components of electronic housing - ME MAX 22,5 PLATEKMGY
11/05/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com