Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250R15C1R0CV4T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 250R15C1R0CV4T
Description  C-SERIES HIGH FREQUENCY CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

250R15C1R0CV4T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  250R15C1R0CV4T Datasheet HTML 1Page - List of Unclassifed Manufacturers 250R15C1R0CV4T Datasheet HTML 2Page - List of Unclassifed Manufacturers 250R15C1R0CV4T Datasheet HTML 3Page - List of Unclassifed Manufacturers 250R15C1R0CV4T Datasheet HTML 4Page - List of Unclassifed Manufacturers 250R15C1R0CV4T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.johansontechnology.com
R15 / 0805
S41 / 1210
AVAILABLE CAPACITANCE SELECTION
This selection chart represents basic C/V capability in this series. Please contact the factory for capacitance, voltage, case size combinations not shown.
R14 / 0603
R07/ 0402
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
25 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
100 V
100 V
100 V
100 V
100 V
100 V
100 V
100 V
100 V
100 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
200 V
100 V
100 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
500 V
300 V
300 V
200 V
200 V
200 V
100 V
100 V
100 V
100 V
50 V
50 V
50 V
0.2 pF
0.3 pF
0.4 pF
0.5 pF
0.6 pF
0.7 pF
0.8 pF
0.9 pF
1.0 pF
1.1 pF
1.2 pF
1.3 pF
1.5 pF
1.6 pF
1.8 pF
2.0 pF
2.2 pF
2.4 pF
2.7 pF
3.0 pF
3.3 pF
3.6 pF
3.9 pF
4.3 pF
4.7 pF
5.1 pF
5.6 pF
6.2 pF
6.8 pF
7.5 pF
8.2 pF
9.1 pF
10 pF
11 pF
12 pF
13 pF
15 pF
16 pF
18 pF
20 pF
22 pF
24 pF
27 pF
30 pF
33 pF
36 pF
39 pF
43 pF
47 pF
56 pF
68 pF
82 pF
100 pF
120 pF
150 pF
0.5 pF
0.6 pF
0.7 pF
0.8 pF
0.9 pF
1.0 pF
1.1 pF
1.2 pF
1.3 pF
1.5 pF
1.6 pF
1.8 pF
2.0 pF
2.2 pF
2.4 pF
2.7 pF
3.0 pF
3.3 pF
3.6 pF
3.9 pF
4.3 pF
4.7 pF
5.1 pF
5.6 pF
6.2 pF
6.8 pF
7.5 pF
8.2 pF
9.1 pF
10 pF
12 pF
15 pF
18 pF
20 pF
22 pF
27 pF
33 pF
39 pF
47 pF
56 pF
68 pF
82 pF
100 pF
120 pF
150 pF
180 pF
220 pF
270 pF
330 pF
390 pF
470 pF
560 pF
680 pF
820 pF
1000 pF


Similar Part No. - 250R15C1R0CV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
250R15N100BV4E JOHANSON-250R15N100BV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R15N100BV6E JOHANSON-250R15N100BV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R15N100CV4E JOHANSON-250R15N100CV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R15N100CV6E JOHANSON-250R15N100CV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R15N100DV4E JOHANSON-250R15N100DV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
More results

Similar Description - 250R15C1R0CV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
ERB1885C2E100GDX5D MURATA-ERB1885C2E100GDX5D Datasheet
2Mb / 20P
   Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
TDK Electronics
C4532CH1H104J TDK-C4532CH1H104J Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
List of Unclassifed Man...
05003 ETC2-05003 Datasheet
135Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0402, HIGH FREQUENCY, BP
05001 ETC2-05001 Datasheet
160Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0805, HIGH FREQUENCY, BP
05002 ETC2-05002 Datasheet
161Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0603, HIGH FREQUENCY, BP
logo
Vishay Siliconix
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 19-Aug-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com