Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NLP51218A-200TQ Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS61NLP51218A-200TQ
Description  256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP51218A-200TQ Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS61NLP51218A-200TQ Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NLP51218A-200TQ Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP51218A-200TQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP51218A-200TQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP51218A-200TQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NLP51218A-200TQ Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NLP51218A-200TQ Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NLP51218A-200TQ Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NLP51218A-200TQ Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
Rev. B
06/27/06
IS61NLP25636A/IS61NVP25636A
IS61NLP51218A/IS61NVP51218A
ISSI®
SYNCHRONOUS TRUTH TABLE(1)
Address
Operation
Used
CE
CE
CE
CE
CE
CE2
CE
CE
CE
CE
CE2
ADV
WE
WE
WE
WE
WE
BW
BW
BW
BW
BWx
OE
OE
OE
OE
OE
CKE
CKE
CKE
CKE
CKE
CLK
Not Selected
N/A
H
X
X
L
X
X
X
L
Not Selected
N/A
X
L
X
L
X
X
X
L
Not Selected
N/A
X
X
H
L
X
X
X
L
Not Selected Continue
N/A
X
X
X
H
X
X
X
L
Begin Burst Read
External Address
L
H
L
L
H
X
L
L
Continue Burst Read
Next Address
X
X
X
H
X
X
L
L
NOP/Dummy Read
External Address
L
H
L
L
H
X
H
L
Dummy Read
Next Address
X
X
X
H
X
X
H
L
Begin Burst Write
External Address
L
H
LLLL
X
L
Continue Burst Write
Next Address
X
X
X
H
X
L
X
L
NOP/Write Abort
N/A
L
H
L
L
L
H
X
L
Write Abort
Next Address
X
X
X
H
X
H
X
L
Ignore Clock
Current Address
X
X
X
X
X
X
X
H
Notes:
1. "X" means don't care.
2. The rising edge of clock is symbolized by
3. A continue deselect cycle can only be entered if a deselect cycle is executed first.
4.
WE = L means Write operation in Write Truth Table.
WE = H means Read operation in Write Truth Table.
5. Operation finally depends on status of asynchronous pins (ZZ and
OE).
BURST
READ
DESELECT
BURST
WRITE
BEGIN
READ
BEGIN
WRITE
READ
WRITE
READ
WRITE
BURST
BURST
BURST
DS
DS
DS
READ
DS
DS
READ
WRITE
WRITE
BURST
BURST
WRITE
READ
STATE DIAGRAM


Similar Part No. - IS61NLP51218A-200TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP51218 ISSI-IS61NLP51218 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NLP51218A-200TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25672 ISSI-IS61NLP25672 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
IS61NP12836 ISSI-IS61NP12836 Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com