Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NLP12818A-250TQI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS61NLP12818A-250TQI
Description  64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP12818A-250TQI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS61NLP12818A-250TQI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NLP12818A-250TQI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP12818A-250TQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP12818A-250TQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP12818A-250TQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NLP12818A-250TQI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NLP12818A-250TQI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NLP12818A-250TQI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NLP12818A-250TQI Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
Rev. 00A
08/31/05
ISSI®
IS61NLP6432A
IS61NLP6436A/IS61NVP6436A
IS61NLP12818A/IS61NVP12818A
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-250
-200
MAX
MAX
Symbol Parameter
Test Conditions
Temp.range
x18
x32/x36
x18 x32/x36
Unit
ICC
AC Operating
Device Selected,
Com.
225
225
200
200
mA
Supply Current
OE = VIH, ZZ
≤ VIL,
Ind.
250
250
210
210
All Inputs
≤ 0.2V or ≥ VDD – 0.2V,
Cycle Time
≥ tKC min.
ISB
Standby Current
Device Deselected,
Com.
90
90
90
90
mA
TTL Input
VDD = Max.,
Ind.
100
100
100
100
All Inputs
≤ VIL or ≥ VIH,
ZZ
≤ VIL, f = Max.
ISBI
Standby Current
Device Deselected,
Com.
70
70
70
70
mA
CMOS Input
VDD = Max.,
Ind.
75
75
75
75
VIN
≤ VSS + 0.2V or ≥VDD – 0.2V typ.(2)
40
40
f = 0
ISB2
Sleep Mode
ZZ>VIH
Com.
30
30
30
30
mA
Ind.
35
35
35
35
typ.(2)
20
20
Note:
1. MODE pin has an internal pullup and should be tied to VDD or VSS. It exhibits ±100µA maximum leakage current when tied to
VSS + 0.2V or
≥ VDD – 0.2V.
2. Typical values are measured at VDD = 3.3V, TA = 25oC and not 100% tested.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
3.3V
2.5V
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –4.0 mA (3.3V)
2.4
2.0
V
IOH = –1.0 mA
(2.5V)
VOL
Output LOW Voltage
IOL = 8.0 mA (3.3V)
0.4
0.4
V
IOL = 1.0 mA (2.5V)
VIH
Input HIGH Voltage
2.0
VDD + 0.3
1.7
VDD + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
–0.3
0.7
V
ILI
Input Leakage Current
VSS
≤ VIN ≤ VDD(1)
–5
5
–5
5
µA
ILO
Output Leakage Current
VSS
≤ VOUT ≤ VDDQ, OE = VIH
–5
5
–5
5
µA


Similar Part No. - IS61NLP12818A-250TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832 ISSI-IS61NLP12832 Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133B ISSI-IS61NLP12832-133B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133TQ ISSI-IS61NLP12832-133TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5B ISSI-IS61NLP12832-5B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5TQ ISSI-IS61NLP12832-5TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NLP12818A-250TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
IS61NLP25672 ISSI-IS61NLP25672 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com