Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX2004H Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ASX2004H
Description  HIGH SENSITIVITY RELAY WITH GUARANTEED LOW LEVEL SWITCHING CAPACITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ASX2004H Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ASX2004H Datasheet HTML 1Page - Nais(Matsushita Electric Works) ASX2004H Datasheet HTML 2Page - Nais(Matsushita Electric Works) ASX2004H Datasheet HTML 3Page - Nais(Matsushita Electric Works) ASX2004H Datasheet HTML 4Page - Nais(Matsushita Electric Works) ASX2004H Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SX
122
(2) Surface-mount terminal
1) Standard packing: 40 pcs.(tube), 1,000pcs. (tape and reel)in an inner package; 500 pcs.(tube), 1,000pcs. (tape and reel)in an outer
package
2) Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
Single side stable
1 coil latching type
2 coil latching type
Part No.
Coil Rating,
V DC
Pick-up
voltage,
V DC (max.)
(initial)
Drop-out
voltage,
V DC (min.)
(initial)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Tube packing
Tape and reel
packing
ASX200A1H
ASX200A1HZ
1.5
1.2
0.15
33.3
45
50
2.25
ASX200A03
ASX200A03Z
3
2.4
0.3
16.7
180
50
4.5
ASX200A4H
ASX200A4HZ
4.5
3.6
0.45
11.1
405
50
6.75
ASX200A06
ASX200A06Z
6
4.8
0.6
8.3
720
50
9
ASX200A09
ASX200A09Z
9
7.2
0.9
5.6
1,620
50
13.5
ASX200A12
ASX200A12Z
12
9.6
1.2
4.2
2,880
50
18
ASX200A24
ASX200A24Z
24
19.2
2.4
2.9
8,229
70
36
Part No.
Coil Rating,
V DC
Set voltage,
V DC (max.)
(initial)
Reset
voltage,
V DC (max.)
(initial)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Tube packing
Tape and reel
packing
ASX210A1H
ASX210A1HZ
1.5
1.2
1.2
23.3
64.3
35
2.25
ASX210A03
ASX210A03Z
3
2.4
2.4
11.7
257
35
4.5
ASX210A4H
ASX210A4HZ
4.5
3.6
3.6
7.8
579
35
6.75
ASX210A06
ASX210A06Z
6
4.8
4.8
5.8
1,029
35
9
ASX210A09
ASX210A09Z
9
7.2
7.2
3.9
2,314
35
13.5
ASX210A12
ASX210A12Z
12
9.6
9.6
2.9
4,114
35
18
ASX210A24
ASX210A24Z
24
19.2
19.2
2.1
11,520
50
36
Part No.
Coil Rating,
V DC
Set voltage,
V DC (max.)
(initial)
Reset
voltage,
V DC (max.)
(initial)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Tube packing
Tape and reel
packing
Set
coil
Reset
coil
Set
coil
Reset
coil
Set
coil
Reset
coil
ASX220A1H
ASX220A1HZ
1.5
1.2
1.2
46.7
46.7
32.1
32.1
70
70
2.25
ASX220A03
ASX220A03Z
3
2.4
2.4
23.3
23.3
129
129
70
70
4.5
ASX220A4H
ASX220A4HZ
4.5
3.6
3.6
15.6
15.6
289
289
70
70
6.75
ASX220A06
ASX220A06Z
6
4.8
4.8
11.7
11.7
514
514
70
70
9
ASX220A09
ASX220A09Z
9
7.2
7.2
7.8
7.8
1,157
1,157
70
70
13.5
ASX220A12
ASX220A12Z
12
9.6
9.6
5.8
5.8
2,057
2,057
70
70
18
ASX220A24
ASX220A24Z
24
19.2
19.2
6.3
6.3
3,840
3,840
150
150
36
DIMENSIONS
1. PC board terminal
Single side stable/
1 coil latching
0.5
.020
1.15
.045
2.54
.100
3.5
.138
0.65
.026
5.08
.200
0.25
.010
15.0
.591
5.08
.200
8.2
.323
7.4
.291
mm inch
2 coil latching
0.5
.020
1.15
.045
2.54
.100
3.5
.138
0.65
.026
5.08
.200
0.25
.010
15.0
.591
5.08
.200
8.2
.323
7.4
.291
General tolerance:
±0.3 ±.012
PC board pattern
5.08
.200
2.54
.100
8-1.0 dia.
8-.039 dia.
10.16
.400
5.08
.200
2.54
.100
10-1.0 dia.
10-.039 dia.
12.7
.500
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
12
10 9 8
1
3 4 5
Direction indication
12
10 9 8
1
3 4 5
2 coil latching
(Reset condition)
Direction indication
12
10 9 8 7
1
3
4 5 6


Similar Part No. - ASX2004H

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX201 ASB-ASX201 Datasheet
512Kb / 21P
   250 ~ 5000 MHz MMIC Amplifier
September 2013
ASX201 ASB-ASX201 Datasheet
1Mb / 22P
   250 ~ 5000 MHz MMIC Amplifier
February 2017
ASX201 ASB-ASX201_17 Datasheet
1Mb / 22P
   250 ~ 5000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX2004H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL-24-CF-DC24 OMRON-G2RL-24-CF-DC24 Datasheet
182Kb / 6P
   High Capacity, Low Profile Relay
logo
Nais(Matsushita Electri...
TF2-3V NAIS-TF2-3V Datasheet
86Kb / 5P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
logo
List of Unclassifed Man...
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
   High Capacity Relay HY
HY1A112DC ETC2-HY1A112DC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Omron Electronics LLC
G5NB-EL OMRON-G5NB-EL Datasheet
250Kb / 4P
   A slim compact Relay with 7 A switching capacity
logo
Hongfa Technology
HFE7 HONGFA-HFE7_17 Datasheet
74Kb / 4P
   High switching capacity
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Omron Electronics LLC
G5Q-1A4-DC24 OMRON-G5Q-1A4-DC24 Datasheet
497Kb / 5P
   A Miniature Power Relay with 1-pole 10A Switching Capacity
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com