Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AZ8
Description  MINIATURE PC BOARD RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ8 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AZ8 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ8 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ8 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ8 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZ8
2/27/01W
MECHANICAL DATA
WIRING DIAGRAM
PC BOARD LAYOUT
.840
(21.3)
.637
(16.18)
.071
(1.80)
.500
(12.69)
.200
(5.07)
.136
(3.45)
.017
(0.43)
.565
(14.35)
Viewed toward terminals
Viewed toward terminals
Terminal No.
1
2, 5
3, 4
Dimensions
.010 - .015 X .035 - .042
.020 - .030 SQUARE
.015 - .023 X .025 - .030
1 FORM A
1 FORM C
.055 ± .005 DIA
(1.4 ± 0.1)
(5 HOLES)
.069
(1.75)
REF
.071
(1.80)
REF
0.1
(2.54)Ê
2
5
3
1
2
5
3
1
4
Coil Temperature Rise
Percent of Nominal Coil Voltage
20˚C Ambient
60%
80%
100%
120%
140%
160%
180%
210%
220%
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0A
4A
6A
8A
10A
Maximum Switching Capacity
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VOLTAGE
DC Resistive Load
AC Resistive
Load
ICT
IC
ICH
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
UL, CUR RATINGS
Light Duty
2 A at 28 VDC or 300 VAC
1
/8 HP at 120 VAC
1
/10 HP at 120/240 VAC (100,000 cyc)
1.2
/0.6 A at 120/240 VAC, Pilot Duty 100,000 cyc
3.0
/1.5 A at 120/240 VAC General Use 100,000 cyc
Medium Duty
6 A at 28 VDC or 300 VAC
1
/8 HP at 120/240 VAC (100,000 cyc)
1.5
/0.8 A at 120/240 VAC, Pilot Duty 100,000 cyc
3.8
/1.9 A at 120/240 VAC General Use 100,000 cyc
Heavy Duty
SPST:
10 A at 24 VDC / 125 VAC Resistive
1
/4 HP at 120 / 125 VAC
1
/2 HP at 250 VAC
7 A at 277 VAC Resistive
SPDT:
10 A at 250 VAC General Use
7 A at 277 VAC Resistive
6 A at 24 VDC Resistive
1
/4 HP at 125 VAC
VDE RATINGS
Sealed
5 A at 250 VAC resistive, 10,000 cycles
Unsealed
6 A at 250 VAC resistive, 50,000 cycles


Similar Part No. - AZ8

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ8 ZETTLER-AZ8 Datasheet
53Kb / 4P
   Kontaktbestuckung wahlweise: 1 Schlie횩er, 1 Wechsler
logo
American Zettler, Inc.
AZ8-1C-12D AZETTLER-AZ8-1C-12D Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ8-1C-12DE AZETTLER-AZ8-1C-12DE Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ8-1C-12DS AZETTLER-AZ8-1C-12DS Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
More results

Similar Description - AZ8

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946_14 Datasheet
43Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
   Miniature, Sealed PC Board Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com