Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV256AL Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS62LV256AL
Description  32K x 8 LOW VOLTAGE CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV256AL Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS62LV256AL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IS65LV256AL
IS62LV256AL
ISSI®
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. A
03/17/06
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
5
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 3.3V.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-20 ns
-45 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Unit
ICC1
VDD Operating
VDD = Max.,
CE = VIL
Com.
4
4
mA
Supply Current
IOUT = 0 mA, f = 1 MHz
Ind.
5
5
Auto.
8
ICC2
VDD Dynamic Operating
VDD = Max.,
CE = VIL
Com.
20
10
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
25
12
Auto.
20
typ.(2)
15
7
ISB1
TTL Standby Current
VDD = Max.,
Com.
1.5
1.5
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
1.8
1.8
CE
≥ VIH, f = 0
Auto.
2
ISB2
CMOS Standby
VDD = Max.,
Com.
15
15
µA
Current (CMOS Inputs)
CE
≤ VDD – 0.2V,
Ind.
20
20
VIN > VDD – 0.2V, or
Auto.
50
VIN
≤ 0.2V, f = 0
typ.(2)
2
2
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 3.3V, TA = 25oC and not 100% tested.


Similar Part No. - IS62LV256AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV256AL ISSI-IS62LV256AL Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS62LV256AL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com