Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NVP51236-250TQ Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61NVP51236-250TQ
Description  256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVP51236-250TQ Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61NVP51236-250TQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVP51236-250TQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVP51236-250TQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NVP51236-250TQ Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NVP51236-250TQ Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NVP51236-250TQ Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NVP51236-250TQ Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61NVP51236-250TQ Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61NVP51236-250TQ Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
11
Rev. G
07/10/06
IS61NLP25672/IS61NVP25672
IS61NLP51236/IS61NVP51236
IS61NLP102418/IS61NVP102418
ISSI®
LINEAR BURST ADDRESS TABLE (MODE = VSS)
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature
–65 to +150
°C
PD
Power Dissipation
1.6
W
IOUT
Output Current (per I/O)
100
mA
VIN, VOUT
Voltage Relative to VSS for I/O Pins
–0.5 to VDDQ + 0.3
V
VIN
Voltage Relative to VSS for
–0.3 to 4.6
V
for Address and Control Inputs
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
2. This device contains circuity to protect the inputs against damage due to high static voltages or electric fields; however,
precautions may be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance
circuit.
3. This device contains circuitry that will ensure the output devices are in High-Z at power up.
0,0
1,0
0,1
A1', A0' = 1,1
OPERATING RANGE (IS61NLPx)
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
3.3V ± 5%
3.3V / 2.5V ± 5%
Industrial
-40°C to +85°C
3.3V ± 5%
3.3V / 2.5V ± 5%
OPERATING RANGE (IS61NVPx)
Range
Ambient Temperature
VDD
VDDQ
Commercial
0°C to +70°C
2.5V ± 5%
2.5V ± 5%
Industrial
-40°C to +85°C
2.5V ± 5%
2.5V ± 5%


Similar Part No. - IS61NVP51236-250TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVP51218A ISSI-IS61NVP51218A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVP51218A-200B2 ISSI-IS61NVP51218A-200B2 Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVP51218A-200B2I ISSI-IS61NVP51218A-200B2I Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVP51218A-200B3 ISSI-IS61NVP51218A-200B3 Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVP51218A-200B3I ISSI-IS61NVP51218A-200B3I Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
More results

Similar Description - IS61NVP51236-250TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com