Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62C256AL-45TI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS62C256AL-45TI
Description  32K x 8 LOW POWER CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62C256AL-45TI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS62C256AL-45TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62C256AL-45TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62C256AL-45TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62C256AL-45TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62C256AL-45TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62C256AL-45TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62C256AL-45TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62C256AL-45TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62C256AL-45TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. A
03/17/06
ISSI®
IS65C256AL
IS62C256AL
Figure 1.
Figure 2.
480
Ω
5 pF
Including
jig and
scope
255
Ω
OUTPUT
5V
AC TEST LOADS
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Levels
Output Load
See Figures 1 and 2
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-25 ns
-45 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
25
45
ns
tAA
Address Access Time
25
45
ns
tOHA
Output Hold Time
2
2
ns
tACS
CE Access Time
25
45
ns
tDOE
OE Access Time
13
25
ns
tLZOE(2)
OE to Low-Z Output
0
0
ns
tHZOE(2)
OE to High-Z Output
0
12
0
20
ns
tLZCS(2)
CE to Low-Z Output
3
3
ns
tHZCS(2)
CE to High-Z Output
0
12
0
20
ns
tPU(3)
CE to Power-Up
0
0
ns
tPD(3)
CE to Power-Down
20
30
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and
output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
480
Ω
100 pF
Including
jig and
scope
255
Ω
OUTPUT
5V


Similar Part No. - IS62C256AL-45TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C256AL ISSI-IS62C256AL Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62C256AL-45TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com