Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62WV10248BLL Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS62WV10248BLL
Description  1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV10248BLL Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS62WV10248BLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62WV10248BLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62WV10248BLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62WV10248BLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62WV10248BLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV10248BLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV10248BLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV10248BLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV10248BLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. C
03/17/06
IS62WV10248BLL
ISSI®
PIN DESCRIPTIONS
A0-A19
Address Inputs
CS1
Chip Enable 1 Input
CS2
Chip Enable 2 Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
NC
No Connection
VDD
Power
GND
Ground
48-pin mini BGA (B) (7.2mm x 8.7mm)
PIN CONFIGURATION
1
2
3
4
5
6
A
B
C
D
E
F
G
H
NC
OE
A0
A1
A2
CS2
NC
NC
A3
A4
CS1
NC
I/O0
A5
A6
NC
I/O4
GND
I/O1
A17
A7
I/O5
VDD
VDD
I/O2
NC
A16
I/O6
GND
I/O3
NC
A14
A15
NC
I/O7
NC
A12
A13
WE
NC
A18
A8
A9
A10
A11
A19
NC
NC


Similar Part No. - IS62WV10248BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
490Kb / 15P
   TTL compatible interface levels
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
758Kb / 15P
   Data control for upper and lower bytes
More results

Similar Description - IS62WV10248BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C10248AL ISSI-IS62C10248AL Datasheet
393Kb / 14P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Emerging Memory & Logic...
EM680FV8A EMLSI-EM680FV8A Datasheet
386Kb / 10P
   1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FV8A EMLSI-EM681FV8A Datasheet
347Kb / 9P
   1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com