Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62WV2568ALL-70HI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS62WV2568ALL-70HI
Description  256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV2568ALL-70HI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS62WV2568ALL-70HI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70HI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70HI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70HI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70HI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70HI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70HI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70HI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS62WV2568ALL-70HI Datasheet HTML 14Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
11
Rev. B
06/20/05
IS62WV2568ALL,
IS62WV2568BLL
ISSI®
D1
SEATING PLANE
C
D
1
N
e
S
b
A1
A
A2
E
L
α
PLASTIC sTSOP - 32 PINS
Package Code: H (Type 1)
Notes:
1. Controlling dimension: millimeters, unless
otherwise specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D1 and E do not include
mold flash protrusion and should be
measured from the bottom of the package.
4. Formed leads shall be planar with respect
to one another within 0.004 inches at the
seating plane.
PLASTIC sTSOP (H-TYPE 1)
MILLIMETERS
INCHES
Symbol
Min.
Max.
Min.
Max.
REF. STD
N0. Leads
32
A
1.25
0.049
A1
0.05
0.002
A2
0.95
1.05
0.037
0.041
b
0.17
0.23
0.007
0.009
C
0.142
0.158
0.0056
0.0082
D
13.2
13.6
0.520
0.535
D1
11.7
11.9
0.461
0.469
E
7.9
8.1
0.311
0.319
e
0.50
BSC
0.020
BSC
L
0.30
0.70
0.012
0.028
S
0.278
TYP.
0.0109
TYP.
α
00
50
00
50


Similar Part No. - IS62WV2568ALL-70HI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV2568DBLL ISSI-IS62WV2568DBLL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
   Three state outputs
IS62WV2568EBLL ISSI-IS62WV2568EBLL Datasheet
869Kb / 16P
   Three state outputs
More results

Similar Description - IS62WV2568ALL-70HI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M08A TMT-T15V2M08A Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C10248AL ISSI-IS62C10248AL Datasheet
393Kb / 14P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com