Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV256AL-45TI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS62LV256AL-45TI
Description  32K x 8 LOW VOLTAGE CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV256AL-45TI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS62LV256AL-45TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV256AL-45TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV256AL-45TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV256AL-45TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62LV256AL-45TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62LV256AL-45TI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS62LV256AL-45TI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS62LV256AL-45TI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS62LV256AL-45TI Datasheet HTML 14Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Integrated Silicon Solution, Inc.
ISSI®
PACKAGING INFORMATION
D
SEATING PLANE
B
e
C
1
E
A1
A
S
H
L
α
N
Plastic TSOP - 28-pins
Package Code: T (Type I)
Plastic TSOP (T—Type I)
Millimeters
Inches
Symbol
Min
Max
Min
Max
Ref. Std.
No. Leads
28
A
1.00
1.20
0.037
0.047
A1
0.05
0.20
0.002
0.008
B
0.16
0.27
0.006
0.011
C
0.10
0.20
0.004
0.008
D
7.90
8.10
0.308
0.316
E
11.70
11.90
0.456
0.465
H
13.20
13.60
0.515
0.531
e
0.55 BSC
0.022 BSC
L
0.30
0.70
0.011
0.027
α
0
°
5
°
0
°
5
°
Notes:
1. Controlling dimension: millimeters, unless otherwise specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D and E do not include mold flash protrusions and
should be measured from the bottom of the package.
4. Formed leads shall be planar with respect to one another within
0.004 inches at the seating plane.
PK13197T28
Rev. B 01/31/97


Similar Part No. - IS62LV256AL-45TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV256AL ISSI-IS62LV256AL Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS62LV256AL-45TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com