Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64LV6416L Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS64LV6416L
Description  64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64LV6416L Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS64LV6416L Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64LV6416L Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IS64LV6416L
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. C
05/02/03
ISSI®
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-10 ns
-12 ns
Symbol Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
ICC
VDD Dynamic Operating
VDD = Max.,
A1
95
mA
Supply Current
IOUT = 0 mA, f = fMAX
A2
105
A3
115
ISB1
TTL Standby Current
VDD = Max.,
A1
15
mA
(TTL Inputs)
VIN = VIH or VIL
A2
18
CE
≥ VIH , f = 0
A3
20
ISB2
CMOS Standby
VDD = Max.,
A1
2
mA
Current (CMOS Inputs)
CE
≥ VDD – 0.2V,
A2
3
VIN
≥ VDD – 0.2V, or
A3
5
VIN
≤ 0.2V, f = 0
typ(2)
0.5
0.5
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 3.3V, TA = 25oC and not 100% tested.


Similar Part No. - IS64LV6416L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL-10TA1 ISSI-IS64LV25616AL-10TA1 Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL-12BA2 ISSI-IS64LV25616AL-12BA2 Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL-12BA3 ISSI-IS64LV25616AL-12BA3 Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL-12BLA3 ISSI-IS64LV25616AL-12BLA3 Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS64LV6416L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
   64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV12816-12LQI ISSI-IS61LV12816-12LQI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com