Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74F174D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # N74F174D
Description  Hex D flip-flops
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F174D Datasheet(HTML) 4 Page - NXP Semiconductors

  N74F174D Datasheet HTML 1Page - NXP Semiconductors N74F174D Datasheet HTML 2Page - NXP Semiconductors N74F174D Datasheet HTML 3Page - NXP Semiconductors N74F174D Datasheet HTML 4Page - NXP Semiconductors N74F174D Datasheet HTML 5Page - NXP Semiconductors N74F174D Datasheet HTML 6Page - NXP Semiconductors N74F174D Datasheet HTML 7Page - NXP Semiconductors N74F174D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F174
Hex D flip-flop
October 7, 1988
4
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VO
High level output voltage
VCC = MIN, VIL = MAX
±10%VCC
2.5
V
VOH
High-level output voltage
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN, VIL = MAX
±10%VCC
0.30
0.50
V
VOL
Low-level output voltage
VIH = MIN, IOL = MAX
±5%VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
VCC = MAX, Dn = MR = 4.5V, CP = ↑
35
45
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
80
100
80
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform 1
3.5
4.5
5.5
6.0
8.0
10.0
3.5
4.5
9.0
11.0
ns
tPHL
Propagation delay MR to Qn
Waveform 2
5.0
8.5
14.0
5.0
15.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tS(H)
tS(L)
Setup time, High or Low
Dn to CP
Waveform 3
4.0
4.0
4.0
4.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
Waveform 3
0.0
0.0
0.0
0.0
ns
tw(H)
tw(L)
CP Pulse width,
High or Low
Waveform 1
4.0
6.0
4.0
6.0
ns
tw(L)
MR Pulse width, Low
Waveform 2
5.0
5.0
ns
tREC
Recovery time, MR to CP
Waveform 2
5.0
5.0
ns


Similar Part No. - N74F174D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F173D PHILIPS-N74F173D Datasheet
88Kb / 10P
   Quad D-type flip-flop 3-State
1990 Aug 31
N74F173N PHILIPS-N74F173N Datasheet
88Kb / 10P
   Quad D-type flip-flop 3-State
1990 Aug 31
N74F1763N PHILIPS-N74F1763N Datasheet
117Kb / 16P
   Intelligent DRAM controller IDC
1999 Jan 08
N74F1779 PHILIPS-N74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
N74F1779D PHILIPS-N74F1779D Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
More results

Similar Description - N74F174D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS174 TI1-SN54ALS174_15 Datasheet
857Kb / 21P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com