Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX220A24 Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # ASX220A24
Description  HIGH SENSITIVITY RELAY WITH GUARANTEED LOW LEVEL SWITCHING CAPACITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ASX220A24 Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  ASX220A24 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ASX220A24 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ASX220A24 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ASX220A24 Datasheet HTML 4Page - Nais(Matsushita Electric Works) ASX220A24 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SX
124
NOTES
1. Coil operating power
1) As a general rule, only a pure DC pow-
er supply should be used for the coil drive.
2) To ensure proper operation, the voltage
applied to both terminals of the coil should
be
±5% (at 20°C 68°F) the rated operating
voltage of the coil. Also, be aware that the
pick-up and drop-out voltages will fluctu-
ate depending on the ambient tempera-
ture and operating conditions.
3) The ripple factor for the voltage applied
to the coil should be less than 5%.
4) For set and reset latching relays, the
rated operating voltage should be applied
to the coil for 10 ms or more.
2. Coil connection
When connecting coils, refer to the wiring
diagram to prevent mis-operation or mal-
function.
3. External magnetic field
Since SX relays are highly sensitive polar-
ized relays, their characteristics will be af-
fected by a strong external magnetic field.
Avoid using the relay under that condition.
4. Cleaning
In automatic cleaning, cleaning with the
boiling method is recommended. Avoid ul-
trasonic cleaning which subject the relay
to high frequency vibrations. It may cause
the contacts to stick.
lt is recommended that a fluorinated hy-
drocarbon or other alcoholic solvent be
used.
5. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing
(1) Tape dimensions
mm inch
(2) Dimensions of plastic reel
mm inch
6. Automatic insertion
To maintain the internal function of the re-
lay, the chucking pressure should not ex-
ceed the values below.
Chucking pressure in the direction A:
4.9 N {500 gf} or less
Chucking pressure in the direction B:
9.8 N {1 kgf} or less
Chucking pressure in the direction C:
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be also
avoided.
Orientation (indicates PIN No.1)stripe
Stopper (gray)
Stopper (green)
SX relays
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
4.0
±0.1
.157
±.004
1.75
±0.1
.069
±.004
2.0
±0.1
.079
±.004
0.40
±0.1
.016
±.004
10.8
±0.2
.425
±.008
16.0
±0.1
.630
±.004
10.0
±0.1
.394
±.004
1.50
dia.
.059
dia.
+0.1
0
+.003
.0
11.5
±0.1
.453
±.004
15.5
±0.1
.610
±.004
Max. 20.0
.787
24.0
±0.3
.945
±.012
21
±0.8 dia.
.827
±.031 dia.
13
±0.2 dia.
.512
±.008 dia.
24.4
.961
+2
0
+.079
0
100
±1 dia.
3.937
±.039 dia.
2.0
±0.2
.079
±.008
370
±2 dia.
14.567
±.079 dia.
2.0
±0.5
.079
±.020
A
C
B
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - ASX220A24

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX201 ASB-ASX201 Datasheet
512Kb / 21P
   250 ~ 5000 MHz MMIC Amplifier
September 2013
ASX201 ASB-ASX201 Datasheet
1Mb / 22P
   250 ~ 5000 MHz MMIC Amplifier
February 2017
ASX201 ASB-ASX201_17 Datasheet
1Mb / 22P
   250 ~ 5000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX220A24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL-24-CF-DC24 OMRON-G2RL-24-CF-DC24 Datasheet
182Kb / 6P
   High Capacity, Low Profile Relay
logo
Nais(Matsushita Electri...
TF2-3V NAIS-TF2-3V Datasheet
86Kb / 5P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
logo
List of Unclassifed Man...
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
   High Capacity Relay HY
HY1A112DC ETC2-HY1A112DC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Omron Electronics LLC
G5NB-EL OMRON-G5NB-EL Datasheet
250Kb / 4P
   A slim compact Relay with 7 A switching capacity
logo
Hongfa Technology
HFE7 HONGFA-HFE7_17 Datasheet
74Kb / 4P
   High switching capacity
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Omron Electronics LLC
G5Q-1A4-DC24 OMRON-G5Q-1A4-DC24 Datasheet
497Kb / 5P
   A Miniature Power Relay with 1-pole 10A Switching Capacity
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
logo
Nais(Matsushita Electri...
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
   4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com