Electronic Components Datasheet Search |
|
IS61VPS51218A-250B3I Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc |
|
IS61VPS51218A-250B3I Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc |
1 / 32 page Integrated Silicon Solution, Inc. — 1-800-379-4774 1 Rev. A 04/29/05 ISSI® Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products. IS61VPS25636A IS61LPS25636A IS61VPS51218A IS61LPS51218A FEATURES • Internal self-timed write cycle • Individual Byte Write Control and Global Write • Clock controlled, registered address, data and control • Burst sequence control using MODE input • Three chip enable option for simple depth expansion and address pipelining • Common data inputs and data outputs • Auto Power-down during deselect • Single cycle deselect • Snooze MODE for reduced-power standby • JTAG Boundary Scan for PBGA package • Power Supply LPS: VDD 3.3V + 5%, VDDQ 3.3V/2.5V + 5% VPS: VDD 2.5V + 5%, VDDQ 2.5V + 5% • JEDEC 100-Pin TQFP, 119-ball PBGA, and 165-ball PBGA packages • Lead-free available DESCRIPTION The ISSI IS61LPS/VPS25636A and IS61LPS/ VPS51218A are high-speed, low-power synchronous static RAMsdesignedtoprovideburstable,high-performancememory for communication and networking applications. The IS61LPS/VPS25636A is organized as 262,144 words by 36 bits and the IS61LPS/VPS51218A is organized as 524,288 words by 18 bits. Fabricated with ISSI's ad- vanced CMOS technology, the device integrates a 2-bit burst counter, high-speed SRAM core, and high-drive capability outputs into a single monolithic circuit. All synchronous inputs pass through registers controlled by a positive-edge-triggered single clock input. Write cycles are internally self-timed and are initiated by the rising edge of the clock input. Write cycles can be one to four bytes wide as controlled by the write control inputs. Separate byte enables allow individual bytes to be written. The byte write operation is performed by using the byte write enable ( BWE) input combined with one or more individual byte write signals ( BWx). In addition, Global Write ( GW) is available for writing all bytes at one time, regardless of the byte write controls. Bursts can be initiated with either ADSP (Address Status Processor) or ADSC (Address Status Cache Controller) input pins. Subsequent burst addresses can be generated internally and controlled by the ADV (burst address advance) input pin. The mode pin is used to select the burst sequence order, Linear burst is achieved when this pin is tied LOW. Interleave burst is achieved when this pin is tied HIGH or left floating. 256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM MAY 2005 FAST ACCESS TIME Symbol Parameter 250 200 Units tKQ Clock Access Time 2.6 3.1 ns tKC Cycle Time 4 5 ns Frequency 250 200 MHz |
Similar Part No. - IS61VPS51218A-250B3I |
|
Similar Description - IS61VPS51218A-250B3I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |