Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50070 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL50070
Description  24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50070 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL50070 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50070 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50070 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50070 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50070 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50070 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50070 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50070 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50070 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
ZL50070
Data Sheet
2
Zarlink Semiconductor Inc.
Applications
• Large Switching Platforms
• Central Office Switches
• Wireless Base Stations
• Multi-service Access Platforms
• Media Gateways
Description
The ZL50070 is a non-blocking Time Division Multiplex (TDM) switch with maximum 24,576 x 24,576 channels. The
device can switch 64 kbps and Nx64 kbps TDM channels from any input stream to any output stream. With a
number of enhanced features, the ZL50070 is designed for high capacity voice and data switching applications.
The ZL50070 has 96 input and 96 output data streams which can operate at 8.192 Mbps, 16.384 Mbps,
32.768 Mbps or 65.536 Mbps. The large number of inputs and outputs maintains full 24 K x 24 K channel switching
capacity at bit rates of 65 Mbps, 32 Mbps and 16 Mbps. Up to 24 input and output data streams may operate at
65 Mbps. Up to 48 input and output data streams may operate at 32 Mbps. Up to 96 input and output data streams
may operate at 16 Mbps or 8 Mbps. The data rate can be independently set in groups of 4 input or output streams.
In this way it is possible to provide rate conversion from input data channel to output data channel.
The ZL50070 uses a master clock (CKi0) and frame pulse (FPi0) to define the TDM data stream frame boundary
and timing. A high speed system clock is derived internally from CKi0 and FPi0. The input and output data streams
can independently reference their timings to one of the input clocks or to the internal system clock.
The ZL50070 has a variety of user configurable options designed to provide flexibility when data streams are
connected to multiple TDM components or circuits. These include:
• Two additional programmable reference inputs, CKi2 - 1 and FPi2 - 1, which can be used to provide
alternative sources for input and output stream timing
• Variable input bit delay and output advancement, to accommodate delays and frame offsets of streams
connected through different data paths
• Four timing outputs, CKo3 - 0 and FPo3 - 0, which can be configured independently to provide a variety of
clock and frame pulse options
• Support of both ST-BUS and GCI-Bus formats
The ZL50070 also has a number of value added features for voice and data applications:
• Per-channel variable delay mode for low latency applications and constant delay mode for frame integrity
applications
• Per-channel A-Law/
µ-Law Conversions for voice
• 96 separate Pseudo-random Bit Sequence (PRBS) test circuits; one per stream. This provides an integrated Bit
Error Rate (BER) test capability to facilitate data path integrity checking
The ZL50070 has two major modes of operation: Connection Mode (normal) and Message Mode. In Connection
Mode, data bytes received at the TDM inputs are switched to timeslots in the output data streams, with mapping
controlled by the Connection Memories. Using Zarlink's Message Mode capability, microprocessor data can be
broadcast to the output data streams on a per-channel basis. This feature is useful for transferring control and
status information to external circuits or other TDM devices.
A non-multiplexed microprocessor port provides access to the internal Data Memory, Connection Memory and
Control Registers used to program ZL50070 options. The port is configurable to interface with either Motorola or
Intel-type microprocessors and is selectable to be either 32 bit or 16 bit.
The mandatory requirements of IEEE 1149.1 standard are supported via the dedicated Test Access Port.


Similar Part No. - ZL50070

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50073GAC ZARLINK-ZL50073GAC Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073GAC ZARLINK-ZL50073GAC Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50073GAG2 ZARLINK-ZL50073GAG2 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Similar Description - ZL50070

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com