Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301R15C101C6T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 301R15C101C6T
Description  C-SERIES HIGH FREQUENCY CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

301R15C101C6T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  301R15C101C6T Datasheet HTML 1Page - List of Unclassifed Manufacturers 301R15C101C6T Datasheet HTML 2Page - List of Unclassifed Manufacturers 301R15C101C6T Datasheet HTML 3Page - List of Unclassifed Manufacturers 301R15C101C6T Datasheet HTML 4Page - List of Unclassifed Manufacturers 301R15C101C6T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.johansontechnology.com
C-SERIES HIGH FREQUENCY CHIP CAPACITORS
KEY FEATURES
• High-Q / Low ESR
• Self Resonant Frequencies to 23.0 GHz
• Lead-Free Terminations
• Free MLCSoft® for SPICE & S-Parameter Modeling Data
APPLICATIONS
• Cellular Products
• Wireless LAN
• Cable Components
• RF Integrated Circuits
• RF Transceivers
• Custom Applications
Dielectric
RF Performance
S Series BEST
C Series BETTER
L Series GOOD
NPO
?
R15 / 0805
Inches
(mm)
.080 ±.008
(2.03 ±.20)
.050 ±.008
(1.27 ±.20)
.040 ±.006
(1.02 ±.15)
.020 ±.010
(0.50 ±.25)
MECHANICAL CHARACTERISTICS
S41 / 1210
R14 / 0603
R07/ 0402
Inches
(mm)
.125 ±.010
(3.18 ±.25)
.095 ±.010
(2.41 ±.25)
.060 Max
(1.52)
.020 ±.010
(0.50 ±.25)
Inches
(mm)
.040 ±.004
(1.02 ±0.1)
.020 ±.004
(0.51 ±0.1)
.020 ±.004
(0.51 ±0.1)
.010 ±.006
(0.25 ±.15)
Inches
(mm)
.062 ±.006
(1.57 ±.15)
.032 ±.006
(0.81 ±.15)
.030
.
(0.76
)
.014 ±.006
(0.35 ±.15)
+.005
- .003
+.13
-.08
L
W
T
E/B
L
W
E/B
T
HOW TO ORDER
Part number written: 201R15C101JV4E
VOLTAGE
250 =
25 V
500 =
50 V
101 = 100 V
201 = 200 V
301 = 300 V
501 = 500 V
MARKING
4 = Unmarked
6 = EIA "J" Code*
*For sizes
≥ 0805
DIELECTRIC
C = High-Q NPO
CAPACITANCE
1st two digits are
significant; third digit
denotes number of
zeros, R = decimal.
1R0 = 1.0 pF
101 = 100 pF
TERMINATION
V = Ni/Sn
TAPE MODIFIER
Code
Type
Reel
SIZES 0402 & 0603:
T
Paper
7"
Y
Paper
5"
SIZE 0805:
E
Embossed 7"
Z
Embossed 5"
Tape specifications
conform to EIA RS481
TOLERANCE
* A = ± 0.05 pF
* B = ± 0.10 pF
* C = ± 0.25 pF
F= ± 1 %
G= ± 2%
J= ± 5%
K = ± 10%
* Values < 10 pF
** Values
≤ 1.8 pF
CASE SIZE
See Chart
E
4
V
C
R15
201
101
J


Similar Part No. - 301R15C101C6T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
301R15C101CV4E JOHANSON-301R15C101CV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
301R15C101CV4Z JOHANSON-301R15C101CV4Z Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
301R15C101CV6E JOHANSON-301R15C101CV6E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
301R15C101CV6Z JOHANSON-301R15C101CV6Z Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
More results

Similar Description - 301R15C101C6T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
ERB1885C2E100GDX5D MURATA-ERB1885C2E100GDX5D Datasheet
2Mb / 20P
   Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
TDK Electronics
C4532CH1H104J TDK-C4532CH1H104J Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
List of Unclassifed Man...
05003 ETC2-05003 Datasheet
135Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0402, HIGH FREQUENCY, BP
05001 ETC2-05001 Datasheet
160Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0805, HIGH FREQUENCY, BP
05002 ETC2-05002 Datasheet
161Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0603, HIGH FREQUENCY, BP
logo
Vishay Siliconix
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 19-Aug-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com