Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F189A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F189A
Description  64-bit TTL bipolar RAM, inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F189A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F189A Datasheet HTML 2Page - NXP Semiconductors 74F189A Datasheet HTML 3Page - NXP Semiconductors 74F189A Datasheet HTML 4Page - NXP Semiconductors 74F189A Datasheet HTML 5Page - NXP Semiconductors 74F189A Datasheet HTML 6Page - NXP Semiconductors 74F189A Datasheet HTML 7Page - NXP Semiconductors 74F189A Datasheet HTML 8Page - NXP Semiconductors 74F189A Datasheet HTML 9Page - NXP Semiconductors 74F189A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74F189A
64-bit TTL bipolar RAM, inverting (3-State)
1990 Feb 23
6
VM
VM
Qn
CE
tPZH
tPZL
NOTE:
For all waveforms, VM = 1.5V.
SF00304
Waveform 2. Read cycle, chip enable access time
VM
VM
Qn
CE
tPHZ
tPLZ
NOTE:
For all waveforms, VM = 1.5V.
SF00305
Waveform 3. Read cycle, chip disable time
AC WAVEFORMS FOR WRITE CYCLE
VM
VM
An
tsu (H or L)
tPZH
VM
Qn
tPHZ
tPLZ
VM
VM
Dn
VM
CE
VM
VM
VM
WE
th (H or L)
VM
th (H or L)
tsu ( L)
tsu (H or L)
th ( L)
tw ( L)
VM
Hi–Z
tPZL
NOTE:
For all waveforms, VM = 1.5V.
SF00306
Waveform 4. Write cycle


Similar Part No. - 74F189A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F189 NSC-74F189 Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
logo
Fairchild Semiconductor
74F189 FAIRCHILD-74F189 Datasheet
58Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
logo
National Semiconductor ...
74F189PC NSC-74F189PC Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
logo
Fairchild Semiconductor
74F189PC FAIRCHILD-74F189PC Datasheet
58Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
logo
National Semiconductor ...
74F189SC NSC-74F189SC Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
More results

Similar Description - 74F189A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F219A PHILIPS-74F219A Datasheet
91Kb / 12P
   64-bit TTL bipolar RAM, non-inverting 3-State
1996 Jan 05
logo
Advanced Micro Devices
AM27S07 AMD-AM27S07 Datasheet
184Kb / 7P
   64-Bit Inverting-Output Bipolar RAM
AM27S03 AMD-AM27S03 Datasheet
196Kb / 7P
   64-Bit Inverting-Output Bipolar RAM
logo
ON Semiconductor
NLU1GT126 ONSEMI-NLU1GT126_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 5
NLU1GT126 ONSEMI-NLU1GT126_12 Datasheet
141Kb / 10P
   Non-Inverting 3-State Buffer, TTL Level
July, 2012 ??Rev. 3
NLU1GT125 ONSEMI-NLU1GT125_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 6
NLU1GT125 ONSEMI-NLU1GT125_V01 Datasheet
197Kb / 6P
   Non-Inverting 3-State Buffer, TTL Level
January, 2019 - Rev. 7
logo
List of Unclassifed Man...
82S09 ETC1-82S09 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
logo
Toshiba Semiconductor
TC74HCT540AP TOSHIBA-TC74HCT540AP Datasheet
236Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
NLU1GT126 ONSEMI-NLU1GT126 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com