Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250R15C1R0G6T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 250R15C1R0G6T
Description  C-SERIES HIGH FREQUENCY CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

250R15C1R0G6T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  250R15C1R0G6T Datasheet HTML 1Page - List of Unclassifed Manufacturers 250R15C1R0G6T Datasheet HTML 2Page - List of Unclassifed Manufacturers 250R15C1R0G6T Datasheet HTML 3Page - List of Unclassifed Manufacturers 250R15C1R0G6T Datasheet HTML 4Page - List of Unclassifed Manufacturers 250R15C1R0G6T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.johansontechnology.com
DIELECTRIC CHARACTERISTICS
0.8
1.0
10.0
1
10
100
200
Capacitance (pF)
R07/0402
R14/0603
R15/0805
Typical Series Resonant Frequency
MECHANICAL & ENVIRONMENTAL CHARACTERISTICS
SPECIFICATION
TEST PARAMETERS
SOLDERABILITY:
Solder coverage
≥ 90% of
Preheat chip to 120°-150°C for 60 sec.
metalized areas
Dip terminals in rosin flux then dip in
62Sn/36Pb/2Ag solder @ 240±5°C
Dip time = 5±1 sec.
RESISTANCE TO
Chip should not crack.
Preheat chip to 120°-150°C for 60 sec.
SOLDERING HEAT:
Solder coverage
≥ 80%
Dip terminals in rosin flux then dip in
62Sn/36Pb/2Ag solder @ 260±5°C
Dip time = 10±1 sec.
TERMINAL
Termination should not pull off.
Linear pull force exerted on axial leads soldered
ADHESION:
Ceramic should remain undamaged.
to each terminal. Terminal strength: For 0402:
≥2.0Lbs For 0603: ≥2.0Lbs For 0805:≥5.0Lbs
PCB DEFLECTION:
No mechanical damage.
Glass Epoxy PCB: 1 mm deflection
Cap. change: 2% or .5pF Max
LIFE TEST:
Cap. change: 2% or .5pF Max
1000 Hours, 125°C, 200% rated voltage
I.R. = Initial value
THERMAL SHOCK:
Cap. change: 2% or .5pF Max
5 CYCLES: 30±3 minutes @ -55°C, 3 min.@25°C
I.R. = 70% of initial value
30±3 min. @ +125°C, 3 min. @ 25°C
MOISTURE
Cap. change: 2% or .5pF Max
240 Hours, 85% Relative Humidity, 85°C, 1.5 VDC
RESISTANCE:
I.R. = 70% of initial value
TEMPERATURE COEFFICIENT:
0 ± 30ppm /°C, -55 to 125°C
QUALITY FACTOR:
2,500 min.,10,000 typical
INSULATION RESISTANCE:
>1,000 G
Ω @ 25°C,WVDC;
125°C IR is 10% of 25°C rating.
DIELECTRIC STRENGTH:
2.5 X WVDC Min., 25°C, 50 mA max
TEST PARAMETERS:
1MHz ±50kHz, 1.0±0.2 VRMS, 25°C
AVAILABLE CAPACITANCE:
Size 0402:
0.2 - 15 pF
Size 0603:
0.2 - 47 pF
Size 0805:
0.2 - 150 pF
Size 1210:
0.5 - 1000 pF


Similar Part No. - 250R15C1R0G6T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
250R15N100BV4E JOHANSON-250R15N100BV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R15N100BV6E JOHANSON-250R15N100BV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R15N100CV4E JOHANSON-250R15N100CV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R15N100CV6E JOHANSON-250R15N100CV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R15N100DV4E JOHANSON-250R15N100DV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
More results

Similar Description - 250R15C1R0G6T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
ERB1885C2E100GDX5D MURATA-ERB1885C2E100GDX5D Datasheet
2Mb / 20P
   Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
TDK Electronics
C4532CH1H104J TDK-C4532CH1H104J Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
List of Unclassifed Man...
05003 ETC2-05003 Datasheet
135Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0402, HIGH FREQUENCY, BP
05001 ETC2-05001 Datasheet
160Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0805, HIGH FREQUENCY, BP
05002 ETC2-05002 Datasheet
161Kb / 8P
   CAPACITORS, FIXED, CERAMIC, CHIP, 0603, HIGH FREQUENCY, BP
logo
Vishay Siliconix
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 19-Aug-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com