Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB649 Datasheet(PDF) 4 Page - Weitron Technology

Part # 2SB649
Description  PNP Epitaxial Planar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SB649 Datasheet(HTML) 4 Page - Weitron Technology

  2SB649 Datasheet HTML 1Page - Weitron Technology 2SB649 Datasheet HTML 2Page - Weitron Technology 2SB649 Datasheet HTML 3Page - Weitron Technology 2SB649 Datasheet HTML 4Page - Weitron Technology 2SB649 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WEITRON
http://www.weitron.com.tw
2SB649/2SB649A
4/5
21-Mar-06
Fig.7 Base to Emitter Voltage
vs. Collector Current
Collector current IC (mA)
Collector current IC (mA)
Fig.8 Gain Bandwidth Product
vs. Collector Current
Fig.9 Collector Output Capacitance
vs. Collector to Base Voltage
IC = 10 IB
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
–0
–1
–10
–100
–1,000
5
2
=
a
T
°C
5
2
5
7
VCE = –5 V
240
200
160
120
80
40
0
–10
–30
–100
–300
–1,000
f = 1 MHz
IE = 0
200
100
50
20
10
5
2
–1
–3
–10
–30
–100
Collector to base voltage VCB (V)


Similar Part No. - 2SB649

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB649 HITACHI-2SB649 Datasheet
35Kb / 8P
   Silicon PNP Epitaxial
logo
SHENZHEN KOO CHIN ELECT...
2SB649 KOOCHIN-2SB649 Datasheet
306Kb / 3P
   TRANSISTOR (PNP)
logo
TRANSYS Electronics Lim...
2SB649 TEL-2SB649 Datasheet
63Kb / 1P
   TO-126C Plastic-Encapsulated Transistors
logo
Inchange Semiconductor ...
2SB649 ISC-2SB649 Datasheet
274Kb / 2P
   isc Silicon PNP Power Transistor
logo
Unisonic Technologies
2SB649 UTC-2SB649 Datasheet
77Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
More results

Similar Description - 2SB649

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SZD772 SECOS-SZD772 Datasheet
659Kb / 3P
   PNP Epitaxial Planar Transistors
logo
Weitron Technology
2SB1188 WEITRON-2SB1188 Datasheet
128Kb / 5P
   Epitaxial Planar PNP Transistors
KTA1663 WEITRON-KTA1663 Datasheet
172Kb / 3P
   PNP Epitaxial Planar Transistors
2SB624 WEITRON-2SB624 Datasheet
214Kb / 4P
   PNP Epitaxial Planar Transistors
2SB1424 WEITRON-2SB1424 Datasheet
254Kb / 4P
   Epitaxial Planar PNP Transistors
WTP772 WEITRON-WTP772_08 Datasheet
485Kb / 5P
   PNP Epitaxial Planar Transistors
WTM2907A WEITRON-WTM2907A Datasheet
469Kb / 4P
   PNP Epitaxial Planar Transistors
2SB776 WEITRON-2SB776 Datasheet
199Kb / 5P
   2SB776 PNP Epitaxial Planar Transistors, 2SD886 NPN Epitaxial Planar Transistors
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com