Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE11CA Datasheet(PDF) 1 Page - Weitron Technology

Part # 1.5KE11CA
Description  1500W Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1.5KE11CA Datasheet(HTML) 1 Page - Weitron Technology

  1.5KE11CA Datasheet HTML 1Page - Weitron Technology 1.5KE11CA Datasheet HTML 2Page - Weitron Technology 1.5KE11CA Datasheet HTML 3Page - Weitron Technology 1.5KE11CA Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VOLTAGE
6.8 to 550 Volts
Peak Pulse Power
1500 Watt
1.5 KE Series
DO-201
1500W Surface Mount
Transient Voltage Suppressor
Features:
Mechanical Data:
DEVICES FOR BIPOLAR APPLICATION:
1/4
12-May-06
http://www.weitron.com.tw
WEITRON
Symbol
PPPM
1500(Min)
W
PM(AV)
6.5
W
TJ
+175
-55 to +175
Notes :
1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25°C per Fig.2.
2. Mounted on Copper Pad area of 1.6 x 1.6” (40x40mm) per Fig.5.
3. 8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
200
Peak Power Dissipation at TA=25C, TP = 1ms (Note 1)
Steady State Power Dissipation at TL = 75°C,
Lead lengths.375”,(9.5mm) (Note 2)
Rating
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note 3)
A
°C
°C
Operating junction Temperature Range
MAXIMUM RATINGS AND CHARACTERISTICS(TA=25°C Unless otherwise specified)
IFSM
Units
Value
Storage Temperature Range
TSTG
* Plastic package
* Glass passivated chip junction in DO-201 package
* 1500W surge capability at 10/1000 µs wave form
* Excellent clamping capability
* Low zener impedance
* Fast response time: typically lessl than 1.0ps from 0 Volts
to BV min.
* Typical IR less than 1µA above 10V
* High temperature soldering guaranteed: 265°C/10 seconds/.375
,(9.5mm) lead length, 5lbs., (2.3kg) tension
* Case: JEDEC DO-201 Molded plastic
* Terminal: Solderable per MIL-STD-750, Method 2026
* Polarity: Color band denotes cathode except Bipolar
* Mounting Position: Any
* Weight: 0.045 ounce, 1.2 grams
For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru types 1.5KE550 (e.g. 1.5KE6.8C
,1.5KE550CA) Electrical characteristics apply in both directions
Lead(Pb)-Free
P b


Similar Part No. - 1.5KE11CA

ManufacturerPart #DatasheetDescription
logo
StarHope
1.5KE11CA SPSEMI-1.5KE11CA Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
ON Semiconductor
1.5KE11CA ONSEMI-1.5KE11CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Shenzhen Luguang Electr...
1.5KE11CA LUGUANG-1.5KE11CA Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DB Lectro Inc
1.5KE11CA DBLECTRO-1.5KE11CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Pan Jit International I...
1.5KE11CA PANJIT-1.5KE11CA Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results

Similar Description - 1.5KE11CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com