Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQX-14FC22AZ16 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JQX-14FC22AZ16
Description  ELECTRONIC COMPONENTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-14FC22AZ16 Datasheet(HTML) 2 Page - DB Lectro Inc

  JQX-14FC22AZ16 Datasheet HTML 1Page - DB Lectro Inc JQX-14FC22AZ16 Datasheet HTML 2Page - DB Lectro Inc JQX-14FC22AZ16 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Coil Parameter
Coil voltage
VDC
Coil
resistance
±10%
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Dash
numbers
Rated
Max.
C
3
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release
voltage
VDC(min)
(10% of
rated
voltage)
C
3
C
3
C
3
2A
006-670
6
7.8
54
4.50
0.6
009-810
9
11.7
100
6.75
0.9
012-800
12
15.6
180
9.00
1.2
015-830
15
19.5
270
11.3
1.5
024-780
24
31.2
740
18.0
2.4
0.8W
10
5
2C
006-900
6
7.8
40
4.50
0.6
009-1160
9
11.7
70
6.75
0.9
012-1200
12
15.6
120
9.00
1.2
015-1250
15
19.5
180
11.3
1.5
024-1230
24
31.2
470
18.0
2.4
1.25W
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 1000V
50Hz 5000V
JQX-14FC
3
3000V
4000v Surge voltage 12kV
Item 6
of IEC255-5
Item 6
of IEC255-5
Creepage distance
8mm (only for JQX-14FC
3
Addenda B of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~50Hz
amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
’ -25~75’(JQX-14FC
3
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
20g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL
T
üV
CCEE
Load
1C 16A/250VAC
2C 5A/220VAC
1HP 250VAC
1/2HP 125VAC
TV-5
1C 10A/250VAC 14VDC
2C 5A/250VAC 30VDC
10A/250VAC
65
www.dblectro.com


Similar Part No. - JQX-14FC22AZ16

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JQX-14FC2A HUAXINAN-JQX-14FC2A Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse.
logo
DB Lectro Inc
JQX-14FC2AS10AAC120.83.5 DBLECTRO-JQX-14FC2AS10AAC120.83.5 Datasheet
403Kb / 4P
   NHG RELAYS
JQX-14FC2AS10AAC120.85 DBLECTRO-JQX-14FC2AS10AAC120.85 Datasheet
403Kb / 4P
   NHG RELAYS
JQX-14FC2AS10AAC121.23.5 DBLECTRO-JQX-14FC2AS10AAC121.23.5 Datasheet
403Kb / 4P
   NHG RELAYS
JQX-14FC2AS10AAC121.25 DBLECTRO-JQX-14FC2AS10AAC121.25 Datasheet
403Kb / 4P
   NHG RELAYS
More results

Similar Description - JQX-14FC22AZ16

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201759 PHOENIX-2201759 Datasheet
43Kb / 2P
   Components of electronic housing
logo
List of Unclassifed Man...
JRC-19F ETC1-JRC-19F Datasheet
170Kb / 2P
   COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS
logo
Omron Electronics LLC
AOTBA-01 OMRON-AOTBA-01 Datasheet
3Mb / 4P
   OMRON ELECTRONIC COMPONENTS LLC
G3CN202P1DC328 OMRON-G3CN202P1DC328 Datasheet
1Mb / 21P
   Electronic Components Master Selection Guide
logo
Sharp Corporation
GP2Y1014AU0F SHARP-GP2Y1014AU0F Datasheet
463Kb / 11P
   System Devices Unit Electronic components
PD3122F SHARP-PD3122F Datasheet
526Kb / 11P
   OPTO-ELECTRONIC DEVICES DIVISION ELECTRONIC COMPONENTS GROUP SHARP CIRPORATION
logo
PHOENIX CONTACT
2906911 PHOENIX-2906911 Datasheet
54Kb / 2P
   Components of electronic housing - ME LPZS
logo
Sharp Corporation
GM5BW97330A SHARP-GM5BW97330A Datasheet
1,014Kb / 22P
   LED DIVISION ELECTRONIC COMPONENTS AND DEVICES GROUP
GW5BNF15L10 SHARP-GW5BNF15L10 Datasheet
298Kb / 13P
   ELECTRONIC COMPONENTS AND DEVICES GROUP SHARP CORPORATION
logo
PHOENIX CONTACT
2901107 PHOENIX-2901107 Datasheet
52Kb / 2P
   Components of electronic housing - ME MAX 22,5 PLATEKMGY
11/05/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com