Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA33A Datasheet(PDF) 3 Page - Weitron Technology

Part # 15KPA33A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

15KPA33A Datasheet(HTML) 3 Page - Weitron Technology

  15KPA33A Datasheet HTML 1Page - Weitron Technology 15KPA33A Datasheet HTML 2Page - Weitron Technology 15KPA33A Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UNI-POLAR
BI-POLAR
15KPA17A
15KPA17CA
17
18.99
20.79
50
515.4
5000
29.3
15KPA18A
15KPA18CA
18
20.11
22.01
50
488.7
5000
30.9
15KPA20A
15KPA20CA
20
22.34
24.46
20
440.2
1500
34.3
15KPA22A
15KPA22CA
22
24.57
26.91
10
407.0
500
37.1
15KPA24A
15KPA24CA
24
26.81
29.35
5
371.0
150
40.7
15KPA26A
15KPA26CA
26
29.04
31.80
5
343.2
50
44.0
15KPA28A
15KPA28CA
28
31.28
34.24
5
317.9
25
47.5
15KPA30A
15KPA30CA
30
33.51
36.69
5
297.8
15
50.7
15KPA33A
15KPA33CA
33
36.9
40.4
5
276.1
10
54.7
15KPA36A
15KPA36CA
36
40.2
44.0
5
252.5
10
59.8
15KPA40A
15KPA40CA
40
44.7
48.9
5
229.5
10
65.8
15KPA43A
15KPA43CA
43
48.0
52.6
5
216.3
10
69.8
15KPA45A
15KPA45CA
45
50.3
55.0
5
207.4
10
73.2
15KPA48A
15KPA48CA
48
53.6
58.7
5
194.3
10
77.7
15KPA51A
15KPA51CA
51
57.0
62.4
5
182.1
10
82.9
15KPA54A
15KPA54CA
54
60.3
66.0
5
172.2
10
87.7
15KPA58A
15KPA58CA
58
64.8
70.9
5
161.0
10
93.8
15KPA60A
15KPA60CA
60
67.0
73.4
5
155.0
10
97.4
15KPA64A
15KPA64CA
64
71.5
78.3
5
144.9
10
104.2
15KPA70A
15KPA70CA
70
78.2
85.6
5
132.9
10
113.6
15KPA75A
15KPA75CA
75
83.8
91.7
5
123.8
10
122.0
15KPA78A
15KPA78CA
78
87.1
95.4
5
119.7
10
126.1
15KPA85A
15KPA85CA
85
94.9
104.0
5
109.7
10
137.6
15KPA90A
15KPA90CA
90
100.5
110.1
5
103.7
10
145.6
15KPA100A
15KPA100CA
100
111.7
122.3
5
93.6
10
161.3
15KPA110A
15KPA110CA
110
122.9
134.5
5
84.5
10
178.6
15KPA120A
15KPA120CA
120
134.0
146.8
5
78.5
10
192.3
15KPA130A
15KPA130CA
130
145.2
159.0
5
72.5
10
208.3
15KPA150A
15KPA150CA
150
167.6
183.5
5
62.4
10
241.9
15KPA160A
15KPA160CA
160
178.7
195.7
5
58.4
10
258.6
15KPA170A
15KPA170CA
170
189.9
207.9
5
55.4
10
272.7
15KPA180A
15KPA180CA
180
201.1
220.1
5
52.3
10
288.5
15KPA200A
15KPA200CA
200
223.4
244.6
5
47.3
10
319.1
15KPA220A
15KPA220CA
220
245.7
269.1
5
42.4
10
356.0
15KPA240A
15KPA240CA
240
268.1
293.5
5
39.3
10
384.6
15KPA260A
15KPA260CA
260
290.4
318.0
5
36.2
10
416.7
15KPA280A
15KPA280CA
280
312.8
342.4
5
33.2
10
454.5
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
IR(µA)
@ VRWM
MAXIMUN
CLAMPING
VOLTAGE
@IPP VC (V)
15KPA
PART NUMBER
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX. @IT
TEST
CURRENT
IT (mA)
http://www.weitron.com.tw
WEITRON
3/3
Rev.A 18-Mar-08
15KPA Series
For bidirectional type having Vrwm of 30 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%


Similar Part No. - 15KPA33A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA33A PROTEC-15KPA33A Datasheet
72Kb / 5P
   POWER TVS COMPONENT
logo
Socay Electornics Co., ...
15KPA33A SOCAY-15KPA33A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Leshan Radio Company
15KPA33A LRC-15KPA33A Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
StarHope
15KPA33A SPSEMI-15KPA33A Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
logo
MDE Semiconductor, Inc.
15KPA33A MDE-15KPA33A Datasheet
29Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KPA33A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com