Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40-04T Datasheet(PDF) 3 Page - Weitron Technology

Part # BAS40-04T
Description  Surface Mount Schottky Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS40-04T Datasheet(HTML) 3 Page - Weitron Technology

  BAS40-04T Datasheet HTML 1Page - Weitron Technology BAS40-04T Datasheet HTML 2Page - Weitron Technology BAS40-04T Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristic curves(Ta=25˚C)
WEITRON
http://www.weitron.com.tw
3/3
05-Sep-05
0
100
200
T , AMBIENT TEMPERATURE (ºC)
A
Fig. 4 Power Derating Curve, Total Package
0
50
100
150
200
250
0
1
3
2
0
10
20
40
30
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Capacitance
f = 1MHz
0.1
1
10
100
1000
10000
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 0ºC
A
0.01
0.1
1
0.001
0.0001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Voltage
T = -40ºC
A
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
BAS40T/-04T/-05T/-06T


Similar Part No. - BAS40-04T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40-04T DIODES-BAS40-04T Datasheet
160Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 5 - 2
BAS40-04T DIODES-BAS40-04T Datasheet
78Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 10 - 2
logo
Micro Commercial Compon...
BAS40-04T MCC-BAS40-04T Datasheet
176Kb / 3P
   150mW 40Volt Plastic-Encapsulate Diode
logo
Shenzhen Luguang Electr...
BAS40-04T LUGUANG-BAS40-04T Datasheet
310Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
Jiangsu Changjiang Elec...
BAS40-04T JIANGSU-BAS40-04T Datasheet
888Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - BAS40-04T

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com