Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT43W Datasheet(PDF) 1 Page - Weitron Technology

Part # BAT43W
Description  Surface Mount Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT43W Datasheet(HTML) 1 Page - Weitron Technology

  BAT43W Datasheet HTML 1Page - Weitron Technology BAT43W Datasheet HTML 2Page - Weitron Technology BAT43W Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.weitron.com.tw
WEITRON
BAT42W
SCHOTTKY DIODE
30VOLTS
BAT43W
* Low Forward Voltage Drop
* Fast Switching
* Ultra-Small Surface Mount Package
Surface Mount Schottky Barrier Diode
* Case: SOD-123, Plastic
* Case Material-UL Flammability Rating Classification 94V-0
* Leads: Solderable per MIL-STD-202, Method 208
* Polarity: Cathode Band
* Weight: 0.01 grams(approx.)
Features:
Mechanical Data:
200mAMPERS
SOD-123
1
2
SOD-123 Outline Dimensions
Unit:mm
Dim
A
B
C
D
E
H
J
K
Min
2.55
1.40
0.95
0.50
-
-
3.55
Max
2.85
1.80
1.35
0.70
0.10
0.15
3.85
SOD-123
0.30 REF
PIN 1. CATHODE
2. ANODE
1/3
12-Sep-05
Lead(Pb)-Free
P b


Similar Part No. - BAT43W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43W PANJIT-BAT43W Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Sangdest Microelectroni...
BAT43W SMC-BAT43W Datasheet
179Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SHENZHEN SLS TECHNOLOGY...
BAT43W SHENZHENSLS-BAT43W Datasheet
347Kb / 2P
   Plastic-Encapsulate Diodes
logo
Guangdong Kexin Industr...
BAT43W KEXIN-BAT43W Datasheet
37Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAT43W MCC-BAT43W Datasheet
217Kb / 3P
   200mW Schottky Diodes 30 Volts
More results

Similar Description - BAT43W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com