Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGPF7N60RUFDTU Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FGPF7N60RUFDTU
Description  600V, 7A RUF IGBT CO-PAK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGPF7N60RUFDTU Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FGPF7N60RUFDTU Datasheet HTML 1Page - Fairchild Semiconductor FGPF7N60RUFDTU Datasheet HTML 2Page - Fairchild Semiconductor FGPF7N60RUFDTU Datasheet HTML 3Page - Fairchild Semiconductor FGPF7N60RUFDTU Datasheet HTML 4Page - Fairchild Semiconductor FGPF7N60RUFDTU Datasheet HTML 5Page - Fairchild Semiconductor FGPF7N60RUFDTU Datasheet HTML 6Page - Fairchild Semiconductor FGPF7N60RUFDTU Datasheet HTML 7Page - Fairchild Semiconductor FGPF7N60RUFDTU Datasheet HTML 8Page - Fairchild Semiconductor FGPF7N60RUFDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
FGPF7N60RUFD Rev. A
Typical Performance Characteristics (Continued)
Figure 17. Forward Voltage Characteristics
Figure 18. Reverse Recovery Current
0.51.0
1.52.02.53.0
0.1
1
10
Forward Voltage , V
F [V]
T
C = 25
oC
T
C = 100
oC
246
8
10
12
14
1.0
1.5
2.0
2.5
3.0
di/dt=100A /us
di/dt=200A /us
Forward C urrent , I
F [A ]
Figure 19. Stored Charge
Figure 20. Reverse Recovery Time
2
4
6
8
10
12
14
30
40
50
60
70
80
Forward Current , I
F [A]
di/dt=100A/us
di/dt=200A/us
2468
10
12
14
30
40
50
60
di/dt=200A/us
di/dt=100A/us
Forward Current , I
F [A ]
Dimensions in Millimeters


Similar Part No. - FGPF7N60RUFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGPF7N60LSD FAIRCHILD-FGPF7N60LSD Datasheet
791Kb / 9P
   600V, 7A Low Saturation IGBT CO-PAK
More results

Similar Description - FGPF7N60RUFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP7N60RUFD_0610 FAIRCHILD-FGP7N60RUFD_0610 Datasheet
1Mb / 9P
   600V, 7A RUF IGBT CO-PAK
FGP7N60RUFD FAIRCHILD-FGP7N60RUFD Datasheet
861Kb / 9P
   600V, 7A RUF IGBT CO-PAK
FGPF7N60LSD FAIRCHILD-FGPF7N60LSD Datasheet
791Kb / 9P
   600V, 7A Low Saturation IGBT CO-PAK
FGA50N100BNTD2 FAIRCHILD-FGA50N100BNTD2 Datasheet
816Kb / 9P
   1000V, 50A NPT-Trench IGBT CO-PAK
FGA50N100BNTD FAIRCHILD-FGA50N100BNTD Datasheet
710Kb / 7P
   1000V, 50A NPT-Trench IGBT CO-PAK
FGA50N100BNT FAIRCHILD-FGA50N100BNT Datasheet
707Kb / 8P
   1000V, 50A NPT-Trench IGBT CO-PAK
FGB7N60UNDF FAIRCHILD-FGB7N60UNDF Datasheet
754Kb / 9P
   600V, 7A Short Circuit Rated IGBT
logo
STMicroelectronics
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
STGD7NB60H-1 STMICROELECTRONICS-STGD7NB60H-1 Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com