Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4X56323PG-8EC3 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K4X56323PG-8EC3
Description  8M x32 Mobile-DDR SDRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4X56323PG-8EC3 Datasheet(HTML) 1 Page - Samsung semiconductor

  K4X56323PG-8EC3 Datasheet HTML 1Page - Samsung semiconductor K4X56323PG-8EC3 Datasheet HTML 2Page - Samsung semiconductor K4X56323PG-8EC3 Datasheet HTML 3Page - Samsung semiconductor K4X56323PG-8EC3 Datasheet HTML 4Page - Samsung semiconductor K4X56323PG-8EC3 Datasheet HTML 5Page - Samsung semiconductor K4X56323PG-8EC3 Datasheet HTML 6Page - Samsung semiconductor K4X56323PG-8EC3 Datasheet HTML 7Page - Samsung semiconductor K4X56323PG-8EC3 Datasheet HTML 8Page - Samsung semiconductor K4X56323PG-8EC3 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
K4X56323PG - 7(8)E/G
January 2006
Mobile-DDR SDRAM
8M x32 Mobile-DDR SDRAM
FEATURES
• 1.8V power supply, 1.8V I/O power
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe(DQS)
• Four banks operation
• Differential clock inputs(CK and CK)
• MRS cycle with address key programs
- CAS Latency ( 2, 3 )
- Burst Length ( 2, 4, 8, 16 )
- Burst Type (Sequential & Interleave)
- Partial Self Refresh Type ( Full, 1/2, 1/4 Array )
- Output Driver Strength Control ( Full, 1/2, 1/4, 1/8 )
• Internal Temperature Compensated Self Refresh
• Deep Power Down Mode
• All inputs except data & DM are sampled at the positive going edge of the system clock(CK).
• Data I/O transactions on both edges of data strobe, DM for masking.
• Edge aligned data output, center aligned data input.
• No DLL; CK to DQS is not synchronized.
• DM0 - DM3 for write masking only.
• Auto refresh duty cycle
- 15.6us for -25 to 85
°C
Address configuration
- DM is internally loaded to match DQ and DQS identically.
Organization
Bank
Row
Column
8M x32
BA0,BA1
A0 - A11
A0 - A8
Operating Frequency
Note :
1. CAS Latency
DDR266
DDR222
Speed @CL2*1
83Mhz
66Mhz
Speed @CL3*1
133Mhz
111Mhz
Ordering Information
- 7(8)E
90FBGA Pb(Pb Free), Normal Power, Extended Temperature(-25
°C ~ 85 °C)
- 7(8)G : 90 FBGA Pb(Pb Free), Low Power, Extended Temperature(-25
°C ~ 85 °C)
- C3/CA : 133MHz(CL=3)/111MHz(CL=3)
Part No.
Max Freq.
Interface
Package
K4X56323PG-7(8)E/GC3
133MHz(CL=3),83MHz(CL=2)
LVCMOS
90FBGA
Pb (Pb Free)
K4X56323PG-7(8)E/GCA
111MHz(CL=3),66MHz(CL=2)
INFORMATION IN THIS DOCUMENT IS PROVIDED IN RELATION TO SAMSUNG PRODUCTS, AND IS SUBJECT TO CHANGE WITHOUT NOTICE.
NOTHING IN THIS DOCUMENT SHALL BE CONSTRUED AS GRANTING ANY LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE,
TO ANY INTELLECTUAL PROPERTY RIGHTS IN SAMSUNG PRODUCTS OR TECHNOLOGY. ALL INFORMATION IN THIS DOCUMENT IS PRO-
VIDED ON AS "AS IS" BASIS WITHOUT GUARANTEE OR WARRANTY OF ANY KIND.
1. For updates or additional information about Samsung products, contact your nearest Samsung office.
2. Samsung products are not intended for use in life support, critical care, medical, safety equipment, or similar applications where Product failure could
result in loss of life or personal or physical harm, or any military or defense application, or any governmental procurement to which special terms or pro-
visions may apply.


Similar Part No. - K4X56323PG-8EC3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56163P-L SAMSUNG-K4X56163P-L Datasheet
523Kb / 20P
   16Mx16 Mobile DDR SDRAM
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X56163PE-LFG SAMSUNG-K4X56163PE-LFG Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X56163PE-LG SAMSUNG-K4X56163PE-LG Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
More results

Similar Description - K4X56323PG-8EC3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
   16M x32 Mobile-DDR SDRAM
logo
Hynix Semiconductor
H5MS1G22MFP-E3M HYNIX-H5MS1G22MFP-E3M Datasheet
2Mb / 63P
   1Gbit MOBILE DDR SDRAM based on 8M x 4Bank x32 I/O
logo
Emerging Memory & Logic...
EMD28164PA EMLSI-EMD28164PA Datasheet
767Kb / 45P
   128M: 8M x 16 Mobile DDR SDRAM
EMD56324P EMLSI-EMD56324P Datasheet
770Kb / 45P
   256M: 8M x 32 Mobile DDR SDRAM
logo
Micron Technology
MT46H32M16LFBF-6ITC MICRON-MT46H32M16LFBF-6ITC Datasheet
3Mb / 96P
   512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features
logo
Etron Technology, Inc.
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
logo
Integrated Silicon Solu...
IS43LR16320C ISSI-IS43LR16320C Datasheet
1Mb / 45P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16320B ISSI-IS43LR16320B Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR32320B ISSI-IS43LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
logo
Elite Semiconductor Mem...
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com