Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES30-T Datasheet(PDF) 3 Page - DB Lectro Inc

Part # ES30-T
Description  Sub-Miniature Toggle Switches (washable)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES30-T Datasheet(HTML) 3 Page - DB Lectro Inc

  ES30-T Datasheet HTML 1Page - DB Lectro Inc ES30-T Datasheet HTML 2Page - DB Lectro Inc ES30-T Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
part number making side
2.54X2
7.62
4.8
6
5.7
ø4
ø2.5
0.3
1.27
2.54
(3)
(2)
(1)
.100
2.54
.300
7.62
.100
2.54
ES30-T
Sub-Miniature Toggle Switches (washable)
CONTACT MATERIAL OPTIONS
CODE
CONTACT MATERIAL
TERMINAL MATERIAL
RATING
K
Brass , gold plated
Copper alloy, tin-lead plated 0.4VA max @48 VAC or VDC
16
A
ET-4 - TVK
ET-5- TVK
PC MOUNTING
PC MOUNTING
V
Vertical right
angle type
SPDT
V
Vertical right
angle type
DPDT
part number making side
2.54X2
7.62
4.8
6
5.7
ø4
ø2.5
0.3
2.54
(6)
(5)
(4)
(3)
(2)
(1)
1
1.4
1.4
0.6
0.6
t=0.3
t=0.3
.100
2.54
.300
7.62
.100
2.54
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - ES30-T

ManufacturerPart #DatasheetDescription
logo
Powerbox
ES300 POWERBOX-ES300 Datasheet
966Kb / 2P
   3 0 0 WAT T S P R O G R A M M A B L E D C S U P P LY
logo
EPCOS
ES300XN EPCOS-ES300XN Datasheet
132Kb / 4P
   Surge arrester 2-electrode arrester
ES300XP EPCOS-ES300XP Datasheet
125Kb / 4P
   Surge arrester 2-electrode arrester
ES300XPA EPCOS-ES300XPA Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
ES300XSMD EPCOS-ES300XSMD Datasheet
128Kb / 4P
   Surge arrester 2-electrode arrester
More results

Similar Description - ES30-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW236A-7ULX601U270 ETC2-SW236A-7ULX601U270 Datasheet
239Kb / 9P
   Washable miniature toggle switches
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
414Kb / 4P
   TOGGLE SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
logo
E-SWITCH
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
   TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com