Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856AW Datasheet(PDF) 4 Page - Weitron Technology

Part # BC856AW
Description  General Purpose Transistor PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC856AW Datasheet(HTML) 4 Page - Weitron Technology

  BC856AW Datasheet HTML 1Page - Weitron Technology BC856AW Datasheet HTML 2Page - Weitron Technology BC856AW Datasheet HTML 3Page - Weitron Technology BC856AW Datasheet HTML 4Page - Weitron Technology BC856AW Datasheet HTML 5Page - Weitron Technology BC856AW Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
I
C , COLLECTOR CURRENT (mA)
Figure 7. DC Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
I
B , BASE CURRENT (mA)
Figure 9. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
V
BE(sat) @ I C/I B=10
V
BE @VCE= –5.0 V
T
J= 25°C
V
CE = –5.0V
T
A = 25°C
V
CE(sat) @ I C /I B= 10
I
C =
–10mA
–100mA
–20mA
–200mA
T
J= 25°C
θ
VB for V BE
–55°C to 125°C
–1.0
–1.4
–1.8
–2.2
–2.6
–3.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
2.0
1.0
0.5
0.2
–2.0
–1.6
–1.2
–0.8
–0.4
0
–0.1–0.2
–1.0 –2.0 –5.0–10 –20 –50 –100–200
–0.2
–0.5 –1.0 –2.0
–5.0 –10 –20
–50 –100 –200
–0.2
–0.5 –1.0 –2.0
–5.0 –10 –20
–50 –100 –200
–0.02
–0.05 –0.1 –0.2
–0.5 –1.0 –2.0
–5.0 –10 –20
–50mA
V
R , REVERSE VOLTAGE (VOLTS)
Figure 11. Capacitance
I
C , COLLECTOR CURRENT (mA)
Figure 12. Current–Gain – Bandwidth Product
C
ob
C
ib
T
J= 25°C
V
CE= –5.0V
–0.1 –0.2 –0.5
–1.0 –2.0
–5.0 –10 –20
–50 –100
–1.0
–10
–100
40
20
10
6.0
4.0
2.0
500
200
100
50
20
BC856AW/BW
BC857AW/BW
BC858AW/BW/CW
http://www.weitron.com.tw
WEITRON
4/6
14-Jun-06
WEITRON
BC856


Similar Part No. - BC856AW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC856AW SIEMENS-BC856AW Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Central Semiconductor C...
BC856AW CENTRAL-BC856AW Datasheet
407Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Diodes Incorporated
BC856AW DIODES-BC856AW Datasheet
47Kb / 2P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
NXP Semiconductors
BC856AW NXP-BC856AW Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
logo
Infineon Technologies A...
BC856AW INFINEON-BC856AW Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
More results

Similar Description - BC856AW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com