Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847CW Datasheet(PDF) 2 Page - Weitron Technology

Part # BC847CW
Description  General Purpose Transistor NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC847CW Datasheet(HTML) 2 Page - Weitron Technology

  BC847CW Datasheet HTML 1Page - Weitron Technology BC847CW Datasheet HTML 2Page - Weitron Technology BC847CW Datasheet HTML 3Page - Weitron Technology BC847CW Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
http://www.weitron.com.tw
WE IT R ON
Small-signal Characteristics
Current-Gain-Bandwidth Product
(IC= 10mA, VCE= 5.0Vdc, f=100MHz)
Output Capacitance
(VCB= 10V, f=1.0MHz)
Noise Figure
(IC= 0.2mA, VCE= 5.0Vdc,
Rs=2.0 k ,
f=1.0 kHz, BW=200Hz)
fT
Cobo
NF
MHz
pF
BC846A,B, BC847A,B,C, BC848A,B,C,
100
-
-
-
-
-
-
-
-
4.5
10
dB
V
V
V
DC Current Gain
(IC= 10uA, VCE=5.0V)
Collector-Emitter Saturation Voltage
(IC= 10mA, IB=0.5mA)
(IC= 100mA, IB=5.0mA)
Base-Emitter Saturation Voltage
(IC= 10mA, IB=0.5mA)
(IC= 100mA, IB=5.0mA)
Base-Emitter On Voltage
(IC= 2.0mA, VCE=5.0V)
(IC= 10mA, VCE=5.0V)
hFE
VCE(sat)
VBE(sat)
VBE(on)
On Characteristics
BC846A, BC847A, BC848A
BC846B, BC847B, BC848B
BC847C, BC848C
BC846A, BC847A, BC848A
BC846B, BC847B, BC848B
BC847C, BC848C,
-
-
-
110
200
420
-
-
-
-
-
-
660
-
-
-
580
-
90
150
270
-0.7
-0.9
-
-
-
220
450
800
0.25
0.6
700
770
-
(IC= 2.0mA, VCE=5.0V)
180
290
520
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
Collector-Emitter Breakdown Voltage
(IC= 10mA)
Collector-Emitter Breakdown Voltage
(IC=10 uA ,VEB=0)
Collector-Base Breakdown Voltage
(IC=10 uA)
Emitter-Base Breakdown Voltage
(IE=1.0 uA)
Collector Cutoff Current (VCB=30V)
(VCB=30V, TA=150 C)
V(BR)CEO
V(BR)CBO
V(BR)CES
V(BR)EBO
ICBO
nA
mA
BC846A Series
BC847A Series
BC848A Series
BC846A Series
BC847A Series
BC848A Series
BC846A Series
BC847A Series
BC848A Series
BC846A Series
BC847A Series
BC848A Series
V
V
V
V
Characteristics
Symbol
Min
Max
Unit
Off Characteristics
Typ
65
45
30
80
50
30
80
50
30
6.0
6.0
5.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
15
5.0
Electrical Characteristics (TA=25 C Unless Otherwise noted)


Similar Part No. - BC847CW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847CW PHILIPS-BC847CW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Infineon Technologies A...
BC847CW INFINEON-BC847CW Datasheet
183Kb / 19P
   NPN Silicon AF Transistors
2007-04-20
logo
Taiwan Semiconductor Co...
BC847CW TSC-BC847CW Datasheet
236Kb / 6P
   NPN Transistor
logo
Siemens Semiconductor G...
BC847CW SIEMENS-BC847CW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
SeCoS Halbleitertechnol...
BC847CW SECOS-BC847CW Datasheet
903Kb / 4P
   NPN Plastic Encapsulate Transistor
More results

Similar Description - BC847CW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com