Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25LV512-25QC Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM25LV512-25QC
Description  512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM25LV512-25QC Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM25LV512-25QC Datasheet HTML 7Page - PMC-Sierra, Inc PM25LV512-25QC Datasheet HTML 8Page - PMC-Sierra, Inc PM25LV512-25QC Datasheet HTML 9Page - PMC-Sierra, Inc PM25LV512-25QC Datasheet HTML 10Page - PMC-Sierra, Inc PM25LV512-25QC Datasheet HTML 11Page - PMC-Sierra, Inc PM25LV512-25QC Datasheet HTML 12Page - PMC-Sierra, Inc PM25LV512-25QC Datasheet HTML 13Page - PMC-Sierra, Inc PM25LV512-25QC Datasheet HTML 14Page - PMC-Sierra, Inc PM25LV512-25QC Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Programmable Microelectronics Corp.
Issue Date: December, 2003, Rev: 1.3
PMC
Pm25LV512/010
s
s
e
r
d
d
A
k
c
o
l
Bk
c
o
l
B
2
1
5
V
L
5
2
m
Pk
c
o
l
B
0
1
0
V
L
5
2
m
P
F
F
F
7
0
0
o
t
0
0
0
0
0
01
k
c
o
l
B1
k
c
o
l
B
F
F
F
F
0
0
o
t
0
0
0
8
0
02
k
c
o
l
B2
k
c
o
l
B
F
F
F
7
1
0
o
t
0
0
0
0
1
0A
/
N3
k
c
o
l
B
F
F
F
F
1
0
o
t
0
0
0
8
1
0A
/
N4
k
c
o
l
B
Table 8. Block Addresses
SECTOR_ERASE, BLOCK_ERASE: Before a byte can be reprogrammed, the sector/block which contains the
byte must be erased. In order to erase the Pm25LV512/010, two separate instructions must be executed. First, the
device must be write enabled via the WREN instruction. Then the SECTOR ERASE or BLOCK ERASE instruction
can be executed.
The BLOCK ERASE instruction erases every byte in the selected block if the block is not locked out. Block
address is automatically determined if any address within the block is selected. The BLOCK ERASE instruction
is internally controlled; it will automatically be timed to completion. During this time, all commands will be ignored,
except RDSR instruction. The Pm25LV512/010 will automatically return to the write disable state at the completion
of the BLOCK ERASE cycle.
CHIP_ERASE: As an alternative to the SECTOR and BLOCK ERASE, the CHIP ERASE instruction will erase
every byte in all blocks that are not locked out. First, the device must be write enabled via the WREN instruction.
Then the CHIP ERASE instruction can be executed. The CHIP ERASE instruction is internally controlled; it will
automatically be timed to completion. The CHIP ERASE cycle time maximum is 100 miliseconds. During the
internal erase cycle, all instructions will be ignored except RDSR. The Pm25LV512/010 will automatically return to
the write disable state at the completion of the CHIP ERASE.
HOLD: The HOLD# pin is used in conjunction with the CE# pin to select the Pm25LV512/010. When the device is
selected and a serial sequence is underway, HOLD# pin can be used to pause the serial communication with the
master device without resetting the serial sequence. To pause, the HOLD# pin must be brought low while the SCK
pin is low. To resume serial communication, the HOLD# pin is brought high while the SCK pin is low (SCK may still
toggle during HOLD). Inputs to the Sl pin will be ignored while the SO pin is in the high impedance state.
HARDWARE WRITE PROTECT: The Pm25LV512/010 has a write lockout feature that can be activated by assert-
ing the write protect pin (WP#). When the lockout feature is activated, locked-out sectors will be READ only. The
write protect pin will allow normal read/write operations when held high. When the WP# is brought low and WPEN
bit is "1", all write operations to the status register are inhibited. WP# going low while CE# is still low will interrupt
a write to the status register. If the internal status register write cycle has already been initiated, WP# going low will
have no effect on any write operation to the status register. The WP# pin function is blocked when the WPEN bit in
the status register is "0". This will allow the user to install the Pm25LV512/010 in a system with the WP# pin tied
to ground and still be able to write to the status register. All WP# pin functions are enabled when the WPEN bit is
set to "1".


Similar Part No. - PM25LV512-25QC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV512A ETC1-PM25LV512A Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
More results

Similar Description - PM25LV512-25QC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV020 ETC1-PM25LV020 Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
   512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
   512-Kbit, serial flash memory, 50 MHz SPI bus interface
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
   1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
SPANSION
S25FL002D SPANSION-S25FL002D Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25PXX STMICROELECTRONICS-M25PXX Datasheet
128Kb / 7P
   512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com