Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25LV512-25QCE Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM25LV512-25QCE
Description  512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM25LV512-25QCE Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM25LV512-25QCE Datasheet HTML 4Page - PMC-Sierra, Inc PM25LV512-25QCE Datasheet HTML 5Page - PMC-Sierra, Inc PM25LV512-25QCE Datasheet HTML 6Page - PMC-Sierra, Inc PM25LV512-25QCE Datasheet HTML 7Page - PMC-Sierra, Inc PM25LV512-25QCE Datasheet HTML 8Page - PMC-Sierra, Inc PM25LV512-25QCE Datasheet HTML 9Page - PMC-Sierra, Inc PM25LV512-25QCE Datasheet HTML 10Page - PMC-Sierra, Inc PM25LV512-25QCE Datasheet HTML 11Page - PMC-Sierra, Inc PM25LV512-25QCE Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Programmable Microelectronics Corp.
Issue Date: December, 2003, Rev: 1.3
PMC
Pm25LV512/010
t
i
Bn
o
i
t
i
n
i
f
e
D
)
Y
D
R
(
0
t
i
B
.
Y
D
A
E
R
s
i
e
c
i
v
e
d
e
h
t
s
e
t
a
c
i
d
n
i
0
=
0
t
i
B
s
i
e
c
i
v
e
d
e
h
t
d
n
a
s
s
e
r
g
o
r
p
n
i
s
i
e
l
c
y
c
e
t
i
r
w
e
h
t
s
e
t
a
c
i
d
n
i
1
=
0
t
i
B
.
Y
S
U
B
)
N
E
W
(
1
t
i
B
.
D
E
L
B
A
N
E
E
T
I
R
W
t
o
n
s
i
e
c
i
v
e
d
e
h
t
s
e
t
a
c
i
d
n
i
0
=
1
t
i
B
.
D
E
L
B
A
N
E
E
T
I
R
W
s
i
e
c
i
v
e
d
e
h
t
s
e
t
a
c
i
d
n
i
1
=
1
t
i
B
)
0
P
B
(
2
t
i
B.
5
e
l
b
a
T
e
e
S
)
1
P
B
(
3
t
i
B.
5
e
l
b
a
T
e
e
S
.
e
l
c
y
c
e
t
i
r
w
l
a
n
r
e
t
n
i
n
a
n
i
t
o
n
s
i
e
c
i
v
e
d
n
e
h
w
s
0
e
r
a
6
-
4
s
t
i
B
)
N
E
P
W
(
7
t
i
B
.
)
#
P
W
(
n
i
p
t
c
e
t
o
r
P
e
t
i
r
W
f
o
n
o
i
t
c
n
u
f
e
h
t
s
k
c
o
l
b
0
=
N
E
P
W
.
)
#
P
W
(
n
i
p
t
c
e
t
o
r
P
e
t
i
r
W
e
h
t
s
e
t
a
v
i
t
c
a
1
=
N
E
P
W
.
s
l
i
a
t
e
d
r
o
f
6
e
l
b
a
T
e
e
S
.
e
l
c
y
c
e
t
i
r
w
l
a
n
r
e
t
n
i
n
a
g
n
i
r
u
d
s
1
e
r
a
7
-
0
s
t
i
B
Table 4. Read Status Register Bit Definition
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select one of four levels of protec-
tion for the Pm25LV010. The Pm25LV010 is divided into four blocks where the top quarter (1/4), top half (1/2), or all
of the memory blocks can be protected (locked out) from write. The Pm25LV512 is divided into 2 blocks where all
of the memory blocks can be protected (locked out) from write. Any of the locked-out blocks will therefore be READ
only. The locked-out block and the corresponding status register control bits are shown in Table 5.
The three bits, BP0, BP1, and WPEN, are nonvolatile cells that have the same properties and functions as the
regular memory cells (e.g., WREN, RDSR).
WRITE ENABLE (WREN): The device will power up in the write disable state when Vcc is applied. All write
instructions must therefore be preceded by the WREN instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the WRDI instruction disables all write
commands. The WRDI instruction is independent of the status of the WP# pin.
READ STATUS REGISTER (RDSR): The RDSR instruction provides access to the status register. The READY/
BUSY and write enable status of the device can be determined by the RDSR instruction. Similarly, the Block Write
Protection bits indicate the extent of protection employed. These bits are set by using the WRSR instruction.
During internal write cycles, all other commands will be ignored except the RDSR instruction.
7
t
i
B6
t
i
B5
t
i
B4
t
i
B3
t
i
B2
t
i
B1
t
i
B0
t
i
B
N
E
P
W
XXX
1
P
B0
P
BN
E
WY
D
R
Table 3. Status Register Format


Similar Part No. - PM25LV512-25QCE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV512A ETC1-PM25LV512A Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
More results

Similar Description - PM25LV512-25QCE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV020 ETC1-PM25LV020 Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
   512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
   512-Kbit, serial flash memory, 50 MHz SPI bus interface
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
   1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
SPANSION
S25FL002D SPANSION-S25FL002D Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25PXX STMICROELECTRONICS-M25PXX Datasheet
128Kb / 7P
   512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com