Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA144EE Datasheet(PDF) 9 Page - Weitron Technology

Part # DTA144EE
Description  Bias Resistor Transistor PNP Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTA144EE Datasheet(HTML) 9 Page - Weitron Technology

Back Button DTA144EE Datasheet HTML 5Page - Weitron Technology DTA144EE Datasheet HTML 6Page - Weitron Technology DTA144EE Datasheet HTML 7Page - Weitron Technology DTA144EE Datasheet HTML 8Page - Weitron Technology DTA144EE Datasheet HTML 9Page - Weitron Technology DTA144EE Datasheet HTML 10Page - Weitron Technology DTA144EE Datasheet HTML 11Page - Weitron Technology DTA144EE Datasheet HTML 12Page - Weitron Technology DTA144EE Datasheet HTML 13Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS − DTA144EET1
Figure 18. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
1
0
10
20
30
40
75°C
25°C
Figure 19. DC Current Gain
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
-25°C
Figure 20. Output Capacitance
Figure 21. Output Current versus Input Voltage
100
10
1
0
10
25°C
Vin, INPUT VOLTAGE (VOLTS)
−25°C
50
0
10
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 22. Input Voltage versus Output Current
100
10
1
IC, COLLECTOR CURRENT (mA)
TA
°C
25°C
75°C
IC/IB= 10
TA
°C
25°C
TA
°C
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
TA
°C
VO = 0.2 V
DTA114EE Series
9/13
12-Jun-06
WEITRON
WEITRON
http://www.weitron.com.tw


Similar Part No. - DTA144EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144EE ROHM-DTA144EE Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
DTA144EE ROHM-DTA144EE Datasheet
571Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA144EE ROHM-DTA144EE Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA144EE TSC-DTA144EE Datasheet
212Kb / 3P
   PNP Small Signal Transistor
logo
Jiangsu Changjiang Elec...
DTA144EE JIANGSU-DTA144EE Datasheet
120Kb / 2P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA144EE

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com