Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C6V8 Datasheet(PDF) 3 Page - Weitron Technology

Part # BZX84C6V8
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BZX84C6V8 Datasheet(HTML) 3 Page - Weitron Technology

  BZX84C6V8 Datasheet HTML 1Page - Weitron Technology BZX84C6V8 Datasheet HTML 2Page - Weitron Technology BZX84C6V8 Datasheet HTML 3Page - Weitron Technology BZX84C6V8 Datasheet HTML 4Page - Weitron Technology BZX84C6V8 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL
CHARACTERISTICS
(P inout: 1-Anode, 2-No C onnection, 3-C athode) (TA = 25 C unless otherwise noted, VF = 0.90 V Max. @ IF = 10 mA)
V Z1 (Volts )
@ IZT1 = 5 mA
(Note )
ZZT1
(Ohms )
V Z2 (Volts )
@ IZT2 = 1 mA
(Note )
ZZT2
(Ohms )
V Z3(Volts )
@ IZT3 = 20 mA
(Note )
ZZT3
(Ohms )
Max R evers e
L eakage
C urrent
V Z
(mV /k)
@ ZT1 =5mA
Device
Device
Marking
Min
Nom
Max
(Ohms )
@ ZT1 =
5mA
Min
Max
(Ohms )
@ ZT2 =
1mA
Min
Max
(Ohms )
@ ZT3 =
20mA
V R
Volts
IR
A
@
Min
Max
C (pF )
@ V R =0
f=1MHz
B ZX84C 2V 4
Z11
2.2
2.4
2.6
100
1.7
2.1
600
2.6
3.2
50
50
1
±3.5
0
450
B ZX84C 2V 7
Z12
2.5
2.7
2.9
100
1.9
2.4
600
3
3.6
50
20
1
±3.5
0
450
B ZX84C 3V 0
Z13
2.8
3
3.2
95
2.1
2.7
600
3.3
3.9
50
10
1
±3.5
0
450
B ZX84C 3V 3
Z14
3.1
3.3
3.5
95
2.3
2.9
600
3.6
4.2
40
5
1
±3.5
0
450
B ZX84C 3V 6
Z15
3.4
3.6
3.8
90
2.7
3.3
600
3.9
4.5
40
5
1
±3.5
0
450
B ZX84C 3V 9
Z16
3.7
3.9
4.1
90
2.9
3.5
600
4.1
4.7
30
3
1
±3.5
±2.5
450
B ZX84C 4V 3
W9
4
4.3
4.6
90
3.3
4
600
4.4
5.1
30
3
1
±3.5
0
450
B ZX84C 4V 7
Z1
4.4
4.7
5
80
3.7
4.7
500
4.5
5.4
15
3
2
±3.5
0.2
260
B ZX84C 5V 1
Z2
4.8
5.1
5.4
60
4.2
5.3
480
5
5.9
15
2
2
±2.7
1.2
225
B ZX84C 5V 6
Z3
5.2
5.6
6
40
4.8
6
400
5.2
6.3
10
1
2
±2.0
2.5
200
B ZX84C 6V 2
Z4
5.8
6.2
6.6
10
5.6
6.6
150
5.8
6.8
6
3
4
0.4
3.7
185
B ZX84C 6V 8
Z5
6.4
6.8
7.2
15
6.3
7.2
80
6.4
7.4
6
2
4
1.2
4.5
155
B ZX84C 7V 5
Z6
7
7.5
7.9
15
6.9
7.9
80
7
8
6
1
5
2.5
5.3
140
B ZX84C 8V 2
Z7
7.7
8.2
8.7
15
7.6
8.7
80
7.7
8.8
6
0.7
5
3.2
6.2
135
B ZX84C 9V 1
Z8
8.5
9.1
9.6
15
8.4
9.6
100
8.5
9.7
8
0.5
6
3.8
7.0
130
B ZX84C 10
Z9
9.4
10
10.6
20
9.3
10.6
150
9.4
10.7
10
0.2
7
4.5
8.0
130
B ZX84C 11
Y 1
10.4
11
11.6
20
10.2
11.6
150
10.4
11.8
10
0.1
8
5.4
9.0
130
B ZX84C 12
Y 2
11.4
12
12.7
25
11.2
12.7
150
11.4
12.9
10
0.1
8
6.0
10.0
130
B ZX84C 13
Y 3
12.4
13
14.1
30
12.3
14
170
12.5
14.2
15
0.1
8
7.0
11.0
120
B ZX84C 15
Y 4
14.3
15
15.8
30
13.7
15.5
200
13.9
15.7
20
0.05
10.5
9.2
13.0
110
B ZX84C 16
Y 5
15.3
16
17.1
40
15.2
17
200
15.4
17.2
20
0.05
11.2
10.4
14.0
105
B ZX84C 18
Y 6
16.8
18
19.1
45
16.7
19
225
16.9
19.2
20
0.05
12.6
12.4
16.0
100
B ZX84C 20
Y 7
18.8
20
21.2
55
18.7
21.1
225
18.9
21.4
20
0.05
14
14.4
18.0
85
B ZX84C 22
Y 8
20.8
22
23.3
55
20.7
23.2
250
20.9
23.4
25
0.05
15.4
16.4
20.0
85
B ZX84C 24
Y 9
22.8
24
25.6
70
22.7
25.5
250
22.9
25.7
25
0.05
16.8
18.4
22.0
80
V Z1 B elow
@ IZT1 = 2 mA
ZZT1
B elow
V Z2 B elow
@ IZT2 = 0.1 mA
ZZT2
B elow
V Z3 B elow
@ IZT3 = 10 mA
ZZT3
B elow
Max R evers e
L eakage
C urrent
V Z
(mV /k) B elow
@ ZT1=2mA
Device
Device
Marking
Min
Nom
Max
B elow
@ ZT1 =
2mA
Min
Max
B elow
@ ZT4 =
0.5mA
Min
Max
B elow
@ ZT3 =
10mA
V R
Volts
IR
A
@
Min
Max
C (pF )
@ VR =0
f=1MHz
B ZX84C 27
Y 10
25.1
27
28.9
80
25
28.9
300
25.2
29.3
45
0.05
18.9
21.4
25.3
70
B ZX84C 30
Y 11
28
30
32
80
27.8
32
300
28.1
32.4
50
0.05
21
24.4
29.4
70
B ZX84C 33
Y 12
31
33
35
80
30.8
35
325
31.1
35.4
55
0.05
23.1
27.4
33.4
70
B ZX84C 36
Y 13
34
36
38
90
33.8
38
350
34.1
38.4
60
0.05
25.2
30.4
37.4
70
B ZX84C 39
Y 14
37
39
41
130
36.7
41
350
37.1
41.5
70
0.05
27.3
33.4
41.2
45
B ZX84C 43
Y 15
40
43
46
150
39.7
46
375
40.1
46.5
80
0.05
30.1
37.6
46.6
40
B ZX84C 47
Y 16
44
47
50
170
43.7
50
375
44.1
50.5
90
0.05
32.9
42.0
51.8
40
B ZX84C 51
Y 17
48
51
54
180
47.6
54
400
48.1
54.6
100
0.05
35.7
46.6
57.2
40
B ZX84C 56
Y 18
52
56
60
200
51.5
60
425
52.1
60.8
110
0.05
39.2
52.2
63.8
40
B ZX84C 62
Y 19
58
62
66
215
57.4
66
450
58.2
67
120
0.05
43.4
58.8
71.6
35
B ZX84C 68
Y 20
64
68
72
240
63.4
72
475
64.2
73.2
130
0.05
47.6
65.6
79.8
35
B ZX84C 75
Y 21
70
75
79
255
69.4
79
500
70.3
80.2
140
0.05
52.5
73.4
88.6
35
Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25 C
WE IT R ON
BZX84C2V4 Series
WEITRON
http://www.weitron.com.tw
I
I
I
I
I
I
I
I
Note:


Similar Part No. - BZX84C6V8

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
BZX84C6V8 GSME-BZX84C6V8 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
BZX84C6V8 VISHAY-BZX84C6V8 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C6V8 BWTECH-BZX84C6V8 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
SHENZHEN YONGERJIA INDU...
BZX84C6V8 WINNERJOIN-BZX84C6V8 Datasheet
435Kb / 5P
   Planar Die Construction.
logo
Central Semiconductor C...
BZX84C6V8 CENTRAL-BZX84C6V8 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84C6V8

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com