Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143TE Datasheet(PDF) 5 Page - Weitron Technology

Part # DTA143TE
Description  Bias Resistor Transistor PNP Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTA143TE Datasheet(HTML) 5 Page - Weitron Technology

  DTA143TE Datasheet HTML 1Page - Weitron Technology DTA143TE Datasheet HTML 2Page - Weitron Technology DTA143TE Datasheet HTML 3Page - Weitron Technology DTA143TE Datasheet HTML 4Page - Weitron Technology DTA143TE Datasheet HTML 5Page - Weitron Technology DTA143TE Datasheet HTML 6Page - Weitron Technology DTA143TE Datasheet HTML 7Page - Weitron Technology DTA143TE Datasheet HTML 8Page - Weitron Technology DTA143TE Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
WEITRON
http://www.weitron.com.tw
DTA114EE Series
5/13
12-Jun-06
WEITRON
DTA114EET1 Series
Figure 1. Derating Curve
250
200
150
100
50
0
TA , AMBIENT TEMPERATURE (°C)
R JA = 600°C/W
0.00001
0.0001
0.001
0.01
0.1
1.0
10
100
1000
0.001
0.01
0.1
1.0
t, TIME (s)
Figure 2. Normalized Thermal Response
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5


Similar Part No. - DTA143TE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143TE ROHM-DTA143TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
logo
Galaxy Semi-Conductor H...
DTA143TE BILIN-DTA143TE Datasheet
98Kb / 3P
   Digital Transistor
logo
Jiangsu Changjiang Elec...
DTA143TE JIANGSU-DTA143TE Datasheet
122Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA143TE ROHM-DTA143TE Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
20180419 - Rev.002
DTA143TE ROHM-DTA143TE Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
More results

Similar Description - DTA143TE

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com