Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP2005 Datasheet(PDF) 1 Page - Weitron Technology

Part # KBP2005
Description  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KBP2005 Datasheet(HTML) 1 Page - Weitron Technology

  KBP2005 Datasheet HTML 1Page - Weitron Technology KBP2005 Datasheet HTML 2Page - Weitron Technology KBP2005 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBP2005 thru KBP210
KBP
Glass Passivated Bridge Rectifiers
WEITRON
http://www.weitron.com.tw
KBP Outline Dimensions
Features:
Mechanical Data:
REVERSE VOLTAGE
50 to 1000 VOLTS
FORWARD CURRENT
2.0 AMPERES
1/3
20-Feb-06
Lead(Pb)-Free
P b
M
L
K
J
H
G
E
D
C
B
A
Dim
2.16
4.57
CHAMFER
o
3.18 X 45
0.71
1.52
3.56
12.70
15.24
11.68
10.67
14.22
Min
2.67
5.08
0.84
4.06
12.70
11.68
15.24
Max
KBP
All Dimensions in mm
M
L
G
E
A
K
J
H
B C
D
* Surge overload rating - 60 amperes peak
* Ideal for printed circuit board
* High case dielectric strength
* Reliable low cost construction utilizing molded plastic technique
* Plastic package used has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature soldering guaranteed:
260°C/10 seconds at 5lbs. (2.3kg) tension
* Case: Molded plastic body over passivated junctions
* Terminals: Plated lead solderable per MIL-STD-202, method 208
* Polarity: Polarity symbols marked on body
* Weight: 0.06 ounce, 1.7 grams


Similar Part No. - KBP2005

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
KBP2005 YANGJIE-KBP2005 Datasheet
253Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
KBP2005 DYELEC-KBP2005 Datasheet
192Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Bytesonic Electronics C...
KBP2005 BYTESONIC-KBP2005 Datasheet
595Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBP2005 SEMTECH_ELEC-KBP2005 Datasheet
325Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Kingtronics Internation...
KBP2005 KINGTRONICS-KBP2005 Datasheet
317Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
More results

Similar Description - KBP2005

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com