Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP208 Datasheet(PDF) 2 Page - Weitron Technology

Part # KBP208
Description  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KBP208 Datasheet(HTML) 2 Page - Weitron Technology

  KBP208 Datasheet HTML 1Page - Weitron Technology KBP208 Datasheet HTML 2Page - Weitron Technology KBP208 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Rating
Characteristic
VRRM
VRMS
VDC
IAV
IFSM
TJ
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
2.0
60
-50 to +150
1.1
10.0
1000
-50 to +150
600
420
600
800
560
800
1000
700
1000
V
V
V
Uuits
A
A
Characteristic
Electrical Characteristic
Maximum Instantaneous Reverse Current
Maximum Forward Voltage Drop
per Bridge Element at 1.0A Peak
Rated DC Voltage, TA=25°C
TA=100°C
VF
IR
V
µA
Symbol
WEITRON
KBP2005 KBP201 KBP202 KBP204 KBP206 KBP208 KBP210
Symbol KBP2005 KBP201 KBP202 KBP204 KBP206 KBP208 KBP210 Uuits
http://www.weitron.com.tw
2/3
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=50°C
Peak forward surge current 8.3mS
single half sine-wave super imposed on
rated load (MIL-STD-750D 4066 method)
Operating junction temperature range
Storage temperature range
°C
°C
KBP2005 thru KBP210
20-Feb-06


Similar Part No. - KBP208

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
KBP208 CHENDA-KBP208 Datasheet
559Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBP208 WTE-KBP208 Datasheet
37Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Tiger Electronic Co.,Lt...
KBP208 TGS-KBP208 Datasheet
94Kb / 2P
   2 Amp Bridge Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
KBP208 SUNMATE-KBP208 Datasheet
286Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBP208 YFWDIODE-KBP208 Datasheet
875Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBP208

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com