Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ11-6N4-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RJ11-6N4-S
Description  UL Recognized CSA Certified
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RJ11-6N4-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RJ11-6N4-S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low profile version of our Signal Sentry series. Available
with sleeve or block inductors and optional grounded
shielding. Grounded shielding allows connection to
grounded cables for additional RFI protection.
Specifications
Contacts
Material:
Phosphor bronze
Plating:
50 microinches gold
Barrier underplating:
100 microinches nickel
Resistance:
Initial:
20 milliohms maximum
After durability testing
(500 mating cycles):
30 milliohms maximum
PCB Terminals
Solderability
60/40
Ferrites
Type:
High resistivity, nickel zinc ceramic
Sleeves:
Single-aperature cylinders
Block:
Multi-aperature rectangular prism
Shield Material
Solder-plated phosphor bronze
Housing Material
Black glass-filled polyester
(Valox 457)
Dielectric Withstanding Voltage
Line-to-line and line-to-ground
1000VAC for 60 seconds
Printed Circuit Board Retention
Before soldering:
1 lb. minimum
After soldering:
20 lb. minimum
N Series
Libertyville, IL (847) 680-7400
Pricing
Consult your local Corcom sales representative for pricing.
Part No.
Part No.
RJ11-6N-B
RJ45-8N-B
RJ11-6N-S
RJ45-8N-S
RJ11-6N3-B
RJ45-8N3-B
RJ11-6N3-S
RJ45-8N3-S
RJ11-6N4-B
RJ45-8N4-B
RJ11-6N4-S
RJ45-8N4-S
Ferrite block
Ferrite sleeve
N
128
Typical Impedance in Ohms
Frequency MHz
UL Recognized
CSA Certified
Model dimensions and PC board layout on pages 131 to 133.


Similar Part No. - RJ11-6N4-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RJ11-6N4-S MACOM-RJ11-6N4-S Datasheet
258Kb / 6P
   N Series- Low Profile Filtered Modular RJ Jack
More results

Similar Description - RJ11-6N4-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW152415 ETC2-ZUW152415 Datasheet
136Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS102405 ETC2-ZUS102405 Datasheet
138Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW1R50515 ETC2-ZUW1R50515 Datasheet
138Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252405 ETC2-ZUS252405 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW32415 ETC2-ZUW32415 Datasheet
145Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS1R51215 ETC2-ZUS1R51215 Datasheet
141Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS31205 ETC2-ZUS31205 Datasheet
150Kb / 3P
   UL recognized, TV approved, CSA certified, Isolated between input-output
logo
Surge Components
2W005M SURGE-2W005M Datasheet
129Kb / 2P
   ul recognized
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com