Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904 Datasheet(PDF) 5 Page - Weitron Technology

Part # MMBT3904
Description  General Purpose Transistor NPN Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT3904 Datasheet(HTML) 5 Page - Weitron Technology

  MMBT3904 Datasheet HTML 1Page - Weitron Technology MMBT3904 Datasheet HTML 2Page - Weitron Technology MMBT3904 Datasheet HTML 3Page - Weitron Technology MMBT3904 Datasheet HTML 4Page - Weitron Technology MMBT3904 Datasheet HTML 5Page - Weitron Technology MMBT3904 Datasheet HTML 6Page - Weitron Technology MMBT3904 Datasheet HTML 7Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MMBT3904
WEITRON
FIG.11 Current Gain
IC COLLECTOR CURRENT (mA)
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
300
200
100
70
50
30
FIG.13 Input Impedance
IC COLLECTOR CURRENT (mA)
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
10
5.0
2.0
1.0
0.5
0.2
FIG.14 Voltage Feedback Radio
IC COLLECTOR CURRENT (mA)
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
FIG.12 Output Admittance
IC COLLECTOR CURRENT (mA)
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
100
50
20
10
5
2
1
FIG.15 DC Current Gain
IC COLLECTOR CURRENT (mA)
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
2.0
1.0
0.7
0.5
0.3
0.2
0.1
TJ=+125 C
VCE=1.0V
+25 C
-55 C
TYPICAL STATIC CHARACTERISTICS
h PARAMETERS
(VCE=10 Vdc,m f=1.0 kHz, TA=25 C)
http://www.weitron.com.tw
(NPN)


Similar Part No. - MMBT3904

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MMBT3904 ALLIED-MMBT3904 Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
ON Semiconductor
MMBT3904 ONSEMI-MMBT3904 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
FutureWafer Tech Co.,Lt...
MMBT3904 FUTUREWAFER-MMBT3904 Datasheet
1Mb / 9P
   40V Matched Pair NPN Small Signal Transistors
05-Apr-2021 V2.0
logo
Galaxy Semi-Conductor H...
MMBT3904 BILIN-MMBT3904 Datasheet
198Kb / 4P
   NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
MMBT3904 UTC-MMBT3904 Datasheet
98Kb / 3P
   GENERAL PURPOSE APPLIATION
More results

Similar Description - MMBT3904

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com