Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5320-KDYML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5320-KDYML
Description  Dual, High Performance 150mA uCap ULDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5320-KDYML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5320-KDYML Datasheet HTML 3Page - Micrel Semiconductor MIC5320-KDYML Datasheet HTML 4Page - Micrel Semiconductor MIC5320-KDYML Datasheet HTML 5Page - Micrel Semiconductor MIC5320-KDYML Datasheet HTML 6Page - Micrel Semiconductor MIC5320-KDYML Datasheet HTML 7Page - Micrel Semiconductor MIC5320-KDYML Datasheet HTML 8Page - Micrel Semiconductor MIC5320-KDYML Datasheet HTML 9Page - Micrel Semiconductor MIC5320-KDYML Datasheet HTML 10Page - Micrel Semiconductor MIC5320-KDYML Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
MIC5320
July 2006
7
M9999-073106
Typical Characteristics
0
-10
-20
-30
-40
-50
-60
-70
-80
Power Supply
Rejection Ratio
1
FREQUENCY (kHz)
0.1
10
100
1,000
VIN = VOUT +1V
VOUT = 2.8V
COUT = 1µF
150mA
50mA
0
5
10
15
20
25
30
35
40
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
EN1 = VIN
2.50
2.55
2.60
2.65
2.70
2.85
2.90
2.95
3.00
Output Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
2.75
2.80
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
EN1 = VIN
70
75
80
85
90
95
100
70
20 40 60 80
TEMPERATURE (°C)
Ground Current
vs. Temperature
100µA
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
EN1 = VIN
EN2 = GND
70
75
80
85
90
95
100
70
20 40 60 80
TEMPERATURE (°C)
Ground Current
vs. Temperature
150mA
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
EN1 = VIN
EN2 = GND
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
23456
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
2.8V
1.5V
2.5
IOUT = 100µA
COUT = 1µF
40
45
50
Dropout Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
100µA
10mA
50mA
100mA
150mA
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
0
5
10
15
20
25
30
35
2.70
2.75
2.80
2.85
2.90
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.8V
COUT1 = COUT2 = 1µF
EN1 = VIN
EN2 = GND
1.40
1.45
1.50
1.55
1.60
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
VIN = VOUT + 1V
VOUT = 1.5V
COUT1 = COUT2 = 1µF
EN1 = GND
EN2 = VIN
70
75
80
85
90
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.85V
EN1 = VIN
COUT1 = 1µF
142
146
150
154
158
162
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.85V
EN1 = EN2 = VIN
COUT1 = COUT2 = 1µF
510
520
530
540
550
560
570
580
590
600
610
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
EN1 = VIN
COUT = 1µF


Similar Part No. - MIC5320-KDYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320-KDYMT MICREL-MIC5320-KDYMT Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
More results

Similar Description - MIC5320-KDYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5318 MICREL-MIC5318 Datasheet
321Kb / 11P
   High Performance 300mA uCap ULDO TM
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
logo
Micrel Semiconductor
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com