Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4401 Datasheet(PDF) 5 Page - Weitron Technology

Part # MMBT4401
Description  Switching Transistor NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT4401 Datasheet(HTML) 5 Page - Weitron Technology

  MMBT4401 Datasheet HTML 1Page - Weitron Technology MMBT4401 Datasheet HTML 2Page - Weitron Technology MMBT4401 Datasheet HTML 3Page - Weitron Technology MMBT4401 Datasheet HTML 4Page - Weitron Technology MMBT4401 Datasheet HTML 5Page - Weitron Technology MMBT4401 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STATIC CHARACTERISTICS
Figure 15. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 16. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
50
0.2
0.3
0
1.0
0.7
5.0 7.0
IC = 1.0 mA
TJ = 25 C
0.07
0.05
0.03
0.02
0.01
10 mA
100 mA
10
20
30
500 mA
0.3
0.5
0.7
1.0
3.0
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.2
100
1.0
0.7
500
30
20
5.0 7.0
TJ = 125 C
- 55 C
2.0
200
300
25 C
VCE = 1.0 V
VCE = 10 V
Figure 17. On V oltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
Figure 18. T emperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0 2.0
5.0
10 20
50
0
100
- 0.5
0
+ 0.5
- 1.0
- 1.5
- 2.0
500
TJ = 25 C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 10 V
VC for VCE(sat)
VB for VBE
200
0.1 0.2
0.5
- 2.5
1.0 2.0
5.0 10 20
50 100
500
200
0.1 0.2
0.5
"
"
MMBT4401
WEITRON
http://www.weitron.com.tw


Similar Part No. - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4401 TRSYS-MMBT4401 Datasheet
195Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diotec Semiconductor
MMBT4401 DIOTEC-MMBT4401 Datasheet
143Kb / 2P
   SMD General Purpose NPN Transistors
logo
Galaxy Semi-Conductor H...
MMBT4401 BILIN-MMBT4401 Datasheet
213Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Shanghai Leiditech Elec...
MMBT4401 LEIDITECH-MMBT4401 Datasheet
1,018Kb / 5P
   We declare that the material of product compliant with RoHS requirements and Halogen Free.
logo
KODENSHI_AUK CORP.
MMBT4401 KODENSHI-MMBT4401 Datasheet
276Kb / 6P
   General purpose application
More results

Similar Description - MMBT4401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com