Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z68V Datasheet(PDF) 1 Page - Weitron Technology

Part # MM3Z68V
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MM3Z68V Datasheet(HTML) 1 Page - Weitron Technology

  MM3Z68V Datasheet HTML 1Page - Weitron Technology MM3Z68V Datasheet HTML 2Page - Weitron Technology MM3Z68V Datasheet HTML 3Page - Weitron Technology MM3Z68V Datasheet HTML 4Page - Weitron Technology MM3Z68V Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Zener Diodes
*200mw Power Diss ipation
*Ideal for Surface Mountted Application
*Cas e : S OD-323 Molded plas tic
Mechanical Data:
Features:
WEITRON
http://www.weitron.com.tw
MM3Z2V4 Series
SMALL SIGNAL
ZENER DIODES
200m WATTS
*Zener Breakdown Voltage Range 2.4V to 75V
*Terminals : S olderable per MIL-S T D-202, Method 208
*Polarity: Cathode Indicated by Polarity B and
*Marking: Marking Code (S ee Table on Page 3)
*Weigh: 0.004grams (approx)
SOD-323
1
2
SOD-323 Outline Dimensions
Lead(Pb)-Free
P b


Similar Part No. - MM3Z68V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MM3Z68V SECOS-MM3Z68V Datasheet
198Kb / 3P
   Surface Mount Zener Diode
logo
YENYO TECHNOLOGY Co., L...
MM3Z68V YENYO-MM3Z68V Datasheet
387Kb / 4P
   ZENER DIODES
logo
Shanghai Leiditech Elec...
MM3Z68V LEIDITECH-MM3Z68V Datasheet
349Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Fairchild Semiconductor
MM3Z68VB FAIRCHILD-MM3Z68VB Datasheet
490Kb / 6P
   Zener Diodes
logo
Yea Shin Technology Co....
MM3Z68VB YEASHIN-MM3Z68VB Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
More results

Similar Description - MM3Z68V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com