Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1244Y-120 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1244Y-120
Description  256K NV SRAM with Phantom Clock
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1244Y-120 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1244Y-120 Datasheet HTML 4Page - Dallas Semiconductor DS1244Y-120 Datasheet HTML 5Page - Dallas Semiconductor DS1244Y-120 Datasheet HTML 6Page - Dallas Semiconductor DS1244Y-120 Datasheet HTML 7Page - Dallas Semiconductor DS1244Y-120 Datasheet HTML 8Page - Dallas Semiconductor DS1244Y-120 Datasheet HTML 9Page - Dallas Semiconductor DS1244Y-120 Datasheet HTML 10Page - Dallas Semiconductor DS1244Y-120 Datasheet HTML 11Page - Dallas Semiconductor DS1244Y-120 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS1244Y
032697 11/12
NOTES:
1. WE is high for a read cycle.
2. OE = VIH or VIL. If OE = VIH during write cycle, the output buffers remain in a high impedance state.
3. tWP is specified as the logical AND of CE and WE. tWP is measured from the latter of CE or WE going low to the
earlier of CE or WE going high.
4. tDH, tDS are measured from the earlier of CE or WE going high.
5. These parameters are sampled with a 50 pF load and are not 100% tested.
6. If the CE low transition occurs simultaneously with or later than the WE low transition in Write Cycle 1, the output
buffers remain in a high impedance state during this period.
7. If the CE high transition occurs prior to or simultaneously with the WE high transition, the output buffers remain
in a high impedance state during this period.
8. If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition, the output buffers
remain in a high impedance state during this period.
9. The expected tDR is defined as accumulative time in the absence of VCC with the clock oscillator running.
10. tWR is a function of the latter occurring edge of WE or CE.
11. tDH and tDS are a function of the first occurring edge of WE or CE.
12. RST (Pin1) has an internal pull–up resistor.
13. Real–Time Clock Modules can be successfully processed through conventional wave–soldering techniques as
long as temperature exposure to the lithium energy source contained within does not exceed +85
°C. Post solder
cleaning with water washing techniques is acceptable, provided that ultrasonic vibration is not used.


Similar Part No. - DS1244Y-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1244Y-70 DALLAS-DS1244Y-70 Datasheet
288Kb / 19P
   256k NV SRAM with Phantom Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1244Y-70 ARTSCHIP-DS1244Y-70 Datasheet
446Kb / 16P
   NV SRAM with Phantom Clock
More results

Similar Description - DS1244Y-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1631 DALLAS-DS1631 Datasheet
288Kb / 19P
   256k NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1244 MAXIM-DS1244 Datasheet
644Kb / 20P
   256K NV SRAM with Phantom Clock
Rev 11/11
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
   NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
   64K NV SRAM with Phantom Clock
Rev 11/11
logo
Dallas Semiconductor
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
   4096k NV SRAM with Phantom Clock
DS1243Y DALLAS-DS1243Y Datasheet
349Kb / 13P
   64K NV SRAM with Phantom Clock
DS1251Y DALLAS-DS1251Y Datasheet
93Kb / 12P
   4096K NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com