Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3024 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # A3024
Description  Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

A3024 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button A3024 Datasheet HTML 4Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 5Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 6Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 7Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 8Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 9Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 10Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 11Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Functional Description
Power Supply, Data Retention and Standby
Initialisation
The A3024 is put in standby mode by activating the
input.
When pulled logic low,
will disable the input lines, and
immediately take to high impedance the lines AD 0-7. Input
states must be under control whenever
is deactivated. If no
specific power fail signal can be provided,
can be tied to the
system
. Even in standby the interrupt request pin
will pull to ground upon an unmasked alarm interrupt
occurring.
When power is first applied to the A3024 all registers have a
random value.
To initialise the A3024, software must first write a 1 to the
PF
PF
PF
PF
RESET
IRQ
8
Pin Description
Table 5
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
SYNC
PF
AD0
AD1
AD2
AD3
A/D
IRQ
V
SS
X
IN
X
OUT
V
DD
CS
WR
RD
AD4
AD5
AD6
AD7
NC
Time synchronization
Power fail
Bit 0 from MUX address / data bus
Bit 1 from MUX address / data bus
Bit 2 from MUX address / data bus
Bit 3 from MUX address / data bus
Address / data decode
Interrupt request
Supply ground (substrate)
Oscillator input
Oscillator output
Positive supply terminal
Chip select
WR (Intel) or R/W (Motorola)
RD (Intel) or DS (Motorola)
Bit 4 from MUX address / data bus
Bit 5 from MUX address / data bus
Bit 6 from MUX address / data bus
Bit 7 from MUX address / data bus
No connection
I
I
I/O
I/O
I/O
I/O
I
O
GND
I
O
PWR
I
I
I
I/O
I/O
I/O
I/O
-
Name
Description
initialisation bit (addr. 2 bit 4) and then a 0. This sets the
Frequency Tuning bit and clears all other status bits.
The time and date parameters should then be loaded into the
RAM (addr. 20 to 28 hex) and then transferred to the reserved
clock area using the clock command followed by a write.
The RAM area of the A 3024 has a reserved clock and time area,
a data space, user RAM and an address command space (see
Table 9 or Fig. 7). The reserved clock and timer area is not
directly accessible to the user, it is used for internal time
keeping and contains the current time and date plus the timer
parameters.
All locations in the data space are Read/Write. The data space
is directly accessible to the user and is divided into five areas :
three registers used for status and control
data for the device (see Tables 6, 7 and 8).
a special function described
under “Frequency Tuning”.
9 time and date locations which are
loaded with, either the current time and date parameters from
the reserved clock area or the time and date parameters to be
transferred to the reserved clock area.
5 locations used for setting the alarm
parameters.
4 locations which are loaded with either the
timer parameters from the reserved timer area or the timer
parameters to be transferred to the reserved time area.
The A3024 has 16 bytes of general purpose RAM available for
the users applications. This RAM block is located at addresses
50 to 5F hex and is maintained even in the standby mode (
active). The commands, or the time set lock bit, have no effect
on the user RAM block. Reading or writing to the user RAM is
similar to reading or writing to any system RAM address.
The digital trimming register must then be initialised by
writing 210 (D2 hex) to it, if Frequency Tuning is not
required.
After having written a value to the digital
trimming register the frequency tuning mode bit can be
cleared.
Status Registers -
Digital Trimming Register -
Time and Date Registers -
Alarm Registers -
Timer Registers -
RAM Configuration
Data Space
User RAM
PF
DIP20 and SO20 Packages
A3024
R


Similar Part No. - A3024

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A302-100 MEANWELL-A302-100 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A302-100-F3 MEANWELL-A302-100-F3 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A302-100-F3 MEANWELL-A302-100-F3 Datasheet
221Kb / 2P
   100W MODIFIED SINE SAVE DC-AC POWER INVERTER
A302-150-B2 MEANWELL-A302-150-B2 Datasheet
251Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A302-150-B2 MEANWELL-A302-150-B2 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
More results

Similar Description - A3024

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
ATMEL Corporation
E1466D ATMEL-E1466D Datasheet
133Kb / 8P
   32 KHZ CLOCK CMOS IC WITH DIGITAL TRIMMING
logo
Advanced Micro Devices
80188 AMD-80188 Datasheet
3Mb / 51P
   High Integration 8-Bit Microprocessor
logo
Freescale Semiconductor...
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com