Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3024 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # A3024
Description  Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

A3024 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  A3024 Datasheet HTML 1Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 2Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 3Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 4Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 5Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 6Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 7Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 8Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings
Operating Conditions
Handling Procedures
Stresses above these listed maximum ratings may cause
permanent damage to the device. Exposure beyond specified
operating conditions may affect device reliability or cause
malfunction.
This device has built-in protection against high static voltages
2
Table 1
Parameter
Maximum voltage at V
Max. voltage at remaining pins
Min. voltage on all pins
DD
Maximum storage temperature
Minimum storage temperature
Maximum electrostatic discharge
to MIL-STD-883C method 3015
Maximum soldering conditions
V
DDmax
V
max
V
min
T
STOmin
T
STOmax
V
Smax
T
Smax
V
+ 7.0V
SS
V
+ 0.3V
DD
V
- 0.3V
SS
-55 C
O
+125 C
O
1000V
250 C x 10s
O
Symbol Conditions
or electric fields; however, it is advised that normal precautions
must be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur when all
terminal voltages are kept within the supply voltage range.
Unused inputs must always be tied to a defined logic voltage
level.
T
A
-40
2.0
5.0
+85
OC
V
V/ s
m
nF
kHz
pF
k
W
5.5
6
12.5
50
100
32.768
8.2
35
7
V
DD
C
L
R
S
f
dv/dt
Table 2
Parameter
Symbol Min. Typ. Max. Units
Operating temperature
Logic supply voltage
Supply voltage dv/dt
(power-up & down)
Decoupling capacitor
Crystal Characteristics
Frequency
Load Capacitance
Series resistance
Electrical Characteristics
V
= 5.0V ± 10%, V
= 0 V, T = -40 to +85 C, unless otherwise specified
DD
S
A
O
S
1)
2)
3)
4)
With
= 0 (V ) all I/O pads can be tri-state, tested.
With
= 1 (V
),
= 1 (V
) and all other I/O pads fixed to V
or to V : same standby current, not tested.
All other inputs to V
and all outputs open.
At a given temperature.
See Fig. 4
PFO
PFO
CS
SS
DD
DD
DD
SS
DD
Table 3
Standby current
1)
Dynamic current
2)
IRQ (open drain)
Inputs and Outputs
Output low voltage
Input logic low
Output low voltage
Input logic high
Output logic low
Output logic high
PF activation voltage
PF hysteresis
Pullup on SYNC
Input leakage
Output tri-state leakage
Oscillator Characteristics
Starting voltage
Frequency tolerance
Frequency stability
Temperature stability
Start-up time
Frequency Characteristics
I
DD
I
DD
V
OL
V
OL
V
IL
V
IH
V
OL
V
OH
V
H
V
PFL
I
IN
I
LS
I
TS
V
STA
V
STA
T
STA
Df/f
f
sta
t
sta
ppm/V
ppm
T
+25 C
A ³
O
T = +25 C addr. 10 hex = 00 hex
A
O
210
4)
251
ppm
2.0
V
5.5 V
££
DD
3)
1
5
addr. 10 hex = 00 hex
see Fig. 5
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
T = +25 C
A
0
V
= 0.8 V
ILS
V<V <V
SS
IN
DD
CS=1
T = +25 C
A
0
T = +25 C
A
0
I= 6 mA
OL
I= 6 mA
OH
0.2
V
×
DD
V
V
V
V
V
0.8
V
×
DD
0.4
2.4
0.5
V
×
DD
100
mV
mA
nA
nA
20
10
1000
10
1000
2
V
V
s
2.5
1
I
=8mA
OL
I
=1mA, V
=2V
OH
DD
0.4
0.4
V
V
V
=3V,
= 0
DD
PF
V
=5V,
= 0
DD
PF
1.2
2
10
15
1.5
mA
mA
mA
CS
RD
= 4 MHz,
= V ,
SS
WR = V
DD
A3024
R


Similar Part No. - A3024

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A302-100 MEANWELL-A302-100 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A302-100-F3 MEANWELL-A302-100-F3 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A302-100-F3 MEANWELL-A302-100-F3 Datasheet
221Kb / 2P
   100W MODIFIED SINE SAVE DC-AC POWER INVERTER
A302-150-B2 MEANWELL-A302-150-B2 Datasheet
251Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A302-150-B2 MEANWELL-A302-150-B2 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
More results

Similar Description - A3024

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
ATMEL Corporation
E1466D ATMEL-E1466D Datasheet
133Kb / 8P
   32 KHZ CLOCK CMOS IC WITH DIGITAL TRIMMING
logo
Advanced Micro Devices
80188 AMD-80188 Datasheet
3Mb / 51P
   High Integration 8-Bit Microprocessor
logo
Freescale Semiconductor...
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com